Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCL200 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXCL200
Description  ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL200 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXCL200 Datasheet HTML 1Page - Zetex Semiconductors ZXCL200 Datasheet HTML 2Page - Zetex Semiconductors ZXCL200 Datasheet HTML 3Page - Zetex Semiconductors ZXCL200 Datasheet HTML 4Page - Zetex Semiconductors ZXCL200 Datasheet HTML 5Page - Zetex Semiconductors ZXCL200 Datasheet HTML 6Page - Zetex Semiconductors ZXCL200 Datasheet HTML 7Page - Zetex Semiconductors ZXCL200 Datasheet HTML 8Page - Zetex Semiconductors ZXCL200 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ISSUE 1 - SEPTEMBER 2001
ZXCL200
5
PIN DESCRIPTION
Pin Name
Pin Function
V
IN
Supply Voltage
G
ND
Ground
E
N
Active HIGH Enable input. TTL/CMOS logic compatible.
Connect to V
IN or logic high for normal operation
N/C
No Connection
V
O
Regulator Output
SC70
Package Suffix – H5
Top View
SOT23-5
Package Suffix – E5
Top View
GND
EN
N/C
VIN
VO
1
2
3
4
5
GND
EN
N/C
VIN
VO
1
2
3
4
5
CONNECTION DIAGRAMS
SCHEMATIC DIAGRAM
SC70
Package Suffix –H5
Top View
GND
EN
N/C
VIN
VO
1
2
3
4
5
ZXCLXXX
ZXCL1XXX
ZXCLXXX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com