Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW1053ALLS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CW1053ALLS
Description  5-cell battery protection IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CW1053ALLS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CW1053ALLS Datasheet HTML 1Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 2Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 3Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 4Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 5Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 6Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 7Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 8Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CW1053
© 2015-2018 Cellwise Microelectronics
3
产品选择指南
CW1053 X X X X
封装形式,
S: SSOP16; P: SOP16
参数类型,从
A 到 Z
电池类型,
L:代表锂离子电池 T:充电低温保护
功能和版本信息,从
A 到 Z
产品目录
产品型号
过充阈值
[VOC]
过充延时
[TOC]
过充回复
[VOCR]
过放阈值
[VOD]
过放延时
[TOD]
过放解除
[VODR]
CW1053ALAS
4.200V
1s
4.100V
2.700V
1s
3.000V
CW1053ATAP
4.200V
1s
4.100V
2.700V
1s
3.000V
CW1053ALBP
4.250V
1s
4.150V
2.700V
1s
3.000V
CW1053ALCP
4.250V
1s
4.150V
2.500V
1s
3.000V
CW1053ALEP
4.225V
1s
4.125V
2.700V
1s
3.000V
CW1053ALJP
4.225V
1s
4.125V
2.700V
1s
3.000V
CW1053ALLS
4.200V
1s
4.100V
2.500V
1s
3.000V
CW1053ATJP
4.225V
1s
4.125V
2.700V
1s
3.000V
产品型号
过流
1 阈值
[VEC1]
过流
2 阈值
[VEC2]
短路阈值
[VSHR]
充电低温保护
CW1053ALAS
0.050V
0.100V
0.250V
否
CW1053ATAP
0.100V
0.200V
0.500V
是
CW1053ALBP
0.100V
0.200V
0.500V
否
CW1053ALCP
0.100V
0.200V
0.500V
否
CW1053ALEP
0.050V
0.100V
0.250V
否
CW1053ALJP
0.100V
0.200V
0.500V
否
CW1053ALLS
0.100V
0.200V
0.500V
否
CW1053ATJP
0.100V
0.200V
0.500V
是



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com