Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW1053ALLS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CW1053ALLS
Description  5-cell battery protection IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CW1053ALLS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CW1053ALLS Datasheet HTML 3Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 4Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 5Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 6Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 7Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 8Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 9Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 10Page - List of Unclassifed Manufacturers CW1053ALLS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CW1053
© 2015-2018 Cellwise Microelectronics
7
VC5=3.7→2.0V
TOD
TOD
过放保护解除延时
TODR
VC1=VC2=VC3=VC4=3.7V
VC5=2.0→3.7V
560
ms
过流
1 保护延时
TEC1
CIT 连接 0.1F 电容
1
s
过流
2 保护延时
TEC2
CIT 连接 0.1F 电容
100
ms
短路保护延时
TSHORT
280
s
过流解除延时
TECR*3
280
ms
负载锁定态解除延时
TLLR
VC1=VC2=VC3=VC4=VC5
=3.7V
VM<VDD/3
280
ms
休眠延时
TSLP
30
s
充电过温保护延时
TCOT
1
s
充电过温保护解除延时
TCOTR
1
s
放电过温保护延时
TDOT
1
s
放电过温保护解除延时
TDOTR
2
s
断线检测延时
TOW
输入电容
=0.1F
8
s
断线回复延时
TOWR
20
ms
0V 充电功能
0V 充电开始电压
V0V
1.5
V
VM 端子
VM 和 VSS 间电阻
RVMVSS
120
k
Ω
引脚输出电压
CO 逻辑低电平输出电压
CO*4
VSS
V
DO 逻辑高电平输出电压
DO
VDD>=11V
10
V
DO 逻辑高电平输出电压
VDD<11V
VDD
-0.7
V
DO 逻辑低电平输出电压
VSS
V
引脚驱动能力
CO 端子输出电流
CO
CO 端子逻辑高电平
--
A
CO 端子逻辑低电平
50
A
DO 端子输出电流
DO
DO 端子逻辑高电平
50
A
DO 端子逻辑低电平
-150
A
*1 详细保护阈值选择,请参阅选择指南表
*2 取决于不同电阻网络的设定,且不同温度阈值的设定只可应用在充放电异口的电路中
*3 所有过电流保护(包括过流 1,过流 2 和短路保护)解除延迟时间均为 280ms
*4 CO 端子的输出高电平为高阻态



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com