Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4055AMR Datasheet(PDF) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055AMR
Description  9V Input Voltage Battery Linear Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055AMR Datasheet(HTML) 12 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4055AMR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Page 12
PROG
5
PROG
1
R
2 10 C

As user, may think charge current is important, not instantaneous current. For example, to run a low current
mode switch power which parallel connected with battery, the average current from BAT pin usually importance to
instantaneous current. In this case, In order to measure average charge current or isolate capacitive load from IPROG
pin, a simple RC filter can be used on PROG pin as shown in Figure 2. In order to ensure the stability add a 10KΩ
resistor between PROG pin and filter capacitor.
Power dissipation
The conditions that cause the HM4055 to reduce charge current through thermal feedback can be
approximated by considering the power dissipated in the IC. Nearly all of this power dissipation is generated by the
internal MOSFET-this is calculated to be approximately:
PD (VCC VBAT ) X I BAT
The approximate ambient temperature at which the thermal feedback begins to protect the IC is:
TA 110C PDJA ;
TA 110C (VCC VBAT ) X IBAT X JA
For example: The HM4055 with 5V supply voltage through programmable provides full limiting current 800mA
to a charge lithium-ion battery with 3.75V voltage
JA is 150℃/W ( reference to PCB layout considerations), When
HM4055 begins to decrease the charge current, the ambient temperature about:
TA 110C (5V3.75V ) X (800mA) χ150C / W
TA 110C 
X 150C / W 110C 75C
TA =35C
HM4055 can work in the condition of the temperature is above 35℃, but the charge current will pull down to
below 800mA. In a fixed ambient temperature, the charge current is calculated to be approximately :
A
BAT
BAT
JA
110℃ -T
I=
(VCC - V )*θ
Just as Description of the Principle part talks about so, the current on PROG pin will reduce in proportion to the
reduced charge current through thermal feedback. In HM4055 design applications don’t need to considerate the
worst case of thermal condition, this point is importance, because if the junction temperature up to 110℃ ,IC will auto
reduce the power dissipation.
Thermal considerations
Because of the small size of the thin SOT23-5 package, it is important to use a good thermal PC board layout to
maximize the available charge current. The thermal path for the heat generated by the IC is from the die to the
copper lead frame, through the package leads, (especially the ground lead) to the PC board copper. The PC board
copper is the heat sink. The footprint copper pads should be as wide as possible and expand out to larger copper
areas to spread and dissipate the heat to the surrounding ambient. Other heat sources on the board, not related to
the charger, must also be considered when designing a PC board layout because they will affect overall temperature
rise and the maximum charge current.
Add thermal regulation current
It will effective to decrease the power dissipation through reduce the voltage of both ends of the inner MOSFET.
HM4055A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com