Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4055AMR Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055AMR
Description  9V Input Voltage Battery Linear Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055AMR Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4055AMR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055AMR Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Page 13
In the thermal regulation, this action of transporting current to battery will raise. One of the measure is through an
external component(as a resistor or diode) to consume some power dissipation.
For example: The HM4055 with 5V supply voltage through programmable provides full limiting current 800mA
to a charge lithium-ion battery with 3.75V voltage. If JA is 105℃/W, so that at 25℃ ambient temperature, the charge
current is calculated to be approximately :
BAT
BAT
BAT
JA
110℃ - 25℃
I=
(Vs -I
*Rcc - V )* θ
In order to increase the thermal regulation charge current, can decrease the power dissipation of the IC through
reducing the voltage (as show fig.3) of both two ends of the resistor which connecting in series with a 5V AC adapter.
With square equation to calculate IBAT :
2
A
BAT
BAT
JA
BAT
4Rcc(110℃ - T )
(Vs - V )- (Vs - V ) -
Θ
I=
2Rcc
If RCC=0.25Ω, VS=5V, VBAT=3.75V, TA=25℃ and JA =105℃/W, we can calculate the thermal regulation charge
current: IBAT=764mA. It means that in this structure it can output 800mA full limiting charge current at more high
ambient temperature environment.
Although it can transport more energy and reduce the charge time in this application, but actually spread charge
time, if HM4055 stay in under-voltage state, when VCC becomes too low in voltage mode. Fig.4 shows how the
voltage reduced with increase RCC value in this circuit. This technique will act the best function when in order to
maintain the minimize the dimension of the components and avoid voltage decreased to minimize RCC .
Fig.3:A circuit to maximum the thermal
Fig.4:The relationship curve between charge
regulation charge current
current with RCC
VCC bypass capacitor
Many types of capacitors can be used for input bypassing, however, caution must be exercised when using
multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic
capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger
input to a live power source. Adding a 1.5Ω resistor in series with a ceramic capacitor will minimize start-up voltage
HM4055
HM4055A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com