Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB5COM Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # CUB5COM
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5COM Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  CUB5COM Datasheet HTML 1Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 2Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 3Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 4Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 5Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 6Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 7Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 8Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
+9-28 VDC
PWR COMMON
1
ON
*
4
2 3
MAGNETIC PICKUP
5
4.3 INPUT WIRING
CAUTION: Power common (PWR COMMON) is NOT isolated from input common (INP COMM). In order to preserve the safety of the meter
application, the power common must be suitably isolated from hazardous live earth referenced voltage; or input common must be at protective earth
ground potential. If not, hazardous voltage may be present at the Signal or User Inputs and input common terminals. Appropriate considerations must
then be given to the potential of the input common with respect to earth ground; and the common of the plug-in cards with respect to input common.
Resistor to Limit Current
to 2.5 mA MAX.
PWR COMMON
1 2
ON
4
3
*
*
+9-28 VDC
AC
*
4
PWR COMMON
2 3
*
2.2 k Ω
+9-28 VDC
ON
1
+9-28 VDC
NPN
O.C.
PWR COMMON
1
ON
*
4
*
2 3
PWR COMMON
1 2 3
ON
*
4
*
+9-28 VDC
O.C.
PNP
+9-28 VDC
+5 V
COMMON
*
4
PWR COMMON
1
ON
2 3
+9-28 VDC
PWR COMMON
1
ON
4
2 3
*
*
PWR COMMON
1 2
4
3
ON
*
*
+9-28 VDC
AC Inputs From Tach Generators, Etc.
Input A
Two Wire Proximity, Current Source
Input A
Magnetic Pickup
Input A
Current Sourcing Output
Input A
Interfacing With TTL
Input A
Current Sinking Output
Input A
Switch or Isolated Transistor; Current Sink
Input A
+9-28 VDC
4
PWR COMMON
1 2 3
ON
Switch or Isolated Transistor; Current Source
Input A
Switch position is application dependent.
Current Sink Output; Quad/Direction
Shaded areas not recommended for counting applications.
4.4 SETPOINT (OUTPUT) WIRING
COM
N.C.
N.O.
SINGLE SETPOINT RELAY PLUG-IN CARD
COM
N.O.
N.C.
ELECTRICAL CONNECTIONS
DUAL SETPOINT N-FET OPEN DRAIN PLUG-IN CARD
COM
OSNK 1(2)
(30 V MAX.)
ELECTRICAL CONNECTIONS
OSNK1
OSNK2
COM
Note: Output Common is not isolated from DC Power Common. Load must
be wired between OSNK terminal and V+ of the load supply.
4.5 SERIAL COMMUNICATION WIRING
RS485
2
53
4
RS232
5 43 2
61
61
4.6 USB PROGRAMMING
USB PROGRAMING PLUG-IN CARD
SERIAL COMMUNICATIONS PLUG-IN CARD
RJ11 CONNECTOR PIN OUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com