Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB5COM Datasheet(PDF) 12 Page - Red Lion Controls. Inc

Part # CUB5COM
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5COM Datasheet(HTML) 12 Page - Red Lion Controls. Inc

Back Button CUB5COM Datasheet HTML 8Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 9Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 10Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 11Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 12Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 13Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 14Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 15Page - Red Lion Controls. Inc CUB5COM Datasheet HTML 16Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
SAVE
will restore the output to the same state it was at before the meter was
powered down. ON will activate the output at power up. OFF will deactivate the
output at power up.
SETPOINT OUTPUT POWER-UP STATE
SETPOINT VALUE
Enter the desired Setpoint value. To enter a negative setpoint value,
increment digit 8 to display a “-” sign (Counter A only).
This parameter automatically resets the counter to which the setpoint is
assigned (SPn ASN) each time the setpoint value is reached. The automatic reset
can occur at output start, or at output end if the Setpoint Output Action is
programmed for timed output mode. The Reset-to-Count Load selections
(“CtLd-”) only apply to Counter A assignment. This reset may be different from
the Counter A Reset Action selected in Module 1.
COUNTER AUTO RESET
Selecting YES causes the Setpoint output to deactivate (reset) when the
Setpoint Assigned Counter is reset. The counter reset can occur by the RST
button, User Input, Counter Reset at Power-up or a serial Reset Counter
command.
This output reset will not occur when the Assigned Counter is reset by a
Setpoint generated Counter Auto Reset.
SETPOINT OUTPUT RESET WITH MANUAL RESET
This parameter enables the backlight CUB5 to switch the backlight color when
the output state changes. This parameter is only active for the backlight version.
CHANGE DISPLAY COLOR WITH OUTPUT STATE
Count A:
0
to 999999
Rate:
0
to 9999999
Count B:
00000100
SPn VAL
SETPOINT OUTPUT TIME-OUT
This parameter is only active if the Setpoint Action is set to time out (t-OUt).
Enter the value in seconds that the Setpoint output will be active, once the
Setpoint Value is reached.
001.00
SPn tOUt
SETPOINT OUTPUT LOGIC
Normal (NOr) turns the output “on” when activated and “off” when
deactivated. Reverse (rEV) turns the output “off” when activated and “on” when
deactivated.
NOr
SPn OUt
SETPOINT ANNUNCIATOR
Normal (NOr) displays the setpoint annunciator when the corresponding
output is “on”. Reverse (rEV) displays the setpoint annunciator when the output
is “off”.
NOr
SPn LIt
OFF
SPn P-UP
NO
SPn AUtO
YES
SPn rSt
NO
SPn ChC
CtLd-Str
@2Ero-Str
NO
CtLd-End
2Ero-End
NO
YES
SAVE
ON
OFF
SETPOINT BOUNDARY TYPE
High Acting Boundary Type activates the output when the assigned display
value (SPn ASN) equals or exceeds the Setpoint value. Low Acting activates the
output when the assigned display value is less than or equal to the Setpoint.
HI-ACt
SPn tYPE
SETPOINT STANDBY OPERATION
This parameter only applies to Low Acting Boundary Type setpoints. Select
YES
to disable a Low Acting Setpoint at power-up, until the assigned display
value crosses into the output “off” area. Once in the output “off” area, the
Setpoint will then function per the description for Low Acting Boundary Type.
NO
SPn StbY
SETPOINT 1 OUTPUT OFF AT SETPOINT 2 (SP1 Only)
This parameter will deactivate Setpoint 1 output at the Start or End of
Setpoint 2 output (O1 off at O2). The “-End” setting only applies if Setpoint 2
Output Action is programmed for timed output.
NO
SP1 OFF2
SETPOINT 2 OUTPUT OFF AT SETPOINT 1 (SP2 Only)
This parameter will deactivate Setpoint 2 output at the Start or End of
Setpoint 1 output (O2 off at O1). The “-End” setting only applies if Setpoint 1
Output Action is programmed for timed output.
NO
SP2 OFF1
0.01
to 599.99 seconds
NOr
rEV
NOr
rEV
HI-ACt
LO-ACt
NO
YES
SELECTION ACTION
NO
No Auto Reset.
2Ero-Str
Reset to Zero at the start of output activation.
CtLd-Str
Reset to Count Load value at the start of output activation.
2Ero-End
Reset to Zero at the end of output activation (timed out only).
CtLd-End
NO
Out2-Str
Out2-End
Out1-End
Out1-Str
NO
YES
NO
Reset to Count Load value at the end of output activation
(timed out only).
-
9999999
to 99999999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com