Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB5USB Datasheet(PDF) 10 Page - Red Lion Controls. Inc

Part # CUB5USB
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5USB Datasheet(HTML) 10 Page - Red Lion Controls. Inc

Back Button CUB5USB Datasheet HTML 6Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 7Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 8Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 9Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 10Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 11Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 12Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 13Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 14Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
The Security Code determines the programming mode and the accessibility
of programming parameters. This code can be used indepentently or along with
the Program Mode Lock-out (Pro Loc) selection in the User Input Function
parameter (Module 1).
Two programming modes are available. Full Programming mode allows all
unit parameters to be viewed and modified. Quick Programming mode permits
only user selected values to be modified, but allows direct access to these values
without having to enter Full Programming mode.
Entering a Security Code from 1-99 enables Quick Programming mode, and
displays a sublist to select what values appear in the Quick Programming menu.
All applicable values set to YES in the sublist will be accessible in Quick
Programming. The sublist includes Setpoint values (SP1 VAL, SP2 VAL), Output
Time-out values (SP1 tOUt, SP2 tOUt), Counter A Count Load value (CntA Ld) and
the Display Intensity Level (d-LEVEL) for backlight units.
Programming any Security Code other than 0, requires this code to be entered
at the Pro CodE prompt in order to access Full Programming mode. Quick
Programming mode, if enabled, is accessed before the Pro CodE prompt.
PROGRAMMING SECURITY CODE
The yES selection will return the meter to the factory default settings. The
meter will display rESEt and then return to Pro, at which time all settings have
been changed.
LOAD FACTORY DEFAULT SETTINGS
0
to 999
yES
NO
000
Pro CodE
MO
FACt SEt
* Entering Code 222 allows access regardless of security code.
The yES selection allows the SEL button to toggle through the enabled
displays.
FRONT PANEL DISPLAY SELECT ENABLE (SEL)
The yES selection allows the RST button to reset the selected counter(s). The
shaded selections are only active when Counter B is enabled (Dual Count mode
or batch counter).
FRONT PANEL COUNTER RESET ENABLE (RST)
The yES selection allows the display to automatically scroll through the
enabled displays. Each display is shown for 4 seconds.
DISPLAY SCROLL ENABLE
NO
yES
Count b
both A-b
dSPLAy
yES
NO
NO
Count A
NO
yES
yES
SEL Enb
YES
RSt Enb
NO
d-ScroLL
Enter the desired display color, red or green. This parameter is active for
backlight units only.
DISPLAY COLOR (BACKLIGHT UNIT ONLY)
6rn
rEd
rEd
d-COLOr
Enter the desired Display Intensity Level (1-5). The display will actively dim
or brighten as levels are changed. This parameter is active for backlight units only.
DISPLAY INTENSITY LEVEL (BACKLIGHT UNIT ONLY)
5
d-LEVEL
1
to 5
Select YES to momentarily display the meter software version before advancing
to the next parameter. The software version is also displayed at power-up.
SOFTWARE VERSION DISPLAY
NO
CodE UEr
6.3 Module 3 - diSplay and front panel Key
paraMeterS (3-dSPLAY)
SEL
Pro
Front Panel
Counter
Reset Enable
Front Panel
Display Select
Enable
Display Scroll
Enable
Load Factory
Default
Settings
Display
Color
Programming
Security
Code
Display
Intensity
Level
Backlight Unit Only
3-dSPLAY
SEL
Enb
RSt
Enb
d-Scro
LLLL
d-COLOr
d-LEVEL
Pro CodE
FACt SEt
CodE UEr
Software
Version
Display
PARAMETER MENU
NO
yES
Immediate Access
Full Programming
0-999
Not Active
With correct code entry at
Pro CodE
prompt *
Pro CodE
prompt
100-999
Pro Loc
No Access
Quick
Programming
1-99
Active
No Access
Programming
Lock
0
With correct code entry at
Pro CodE
prompt *
Pro CodE
prompt
100-999
After Quick Programming
with correct code entry
at Pro CodE prompt *
Quick
Programming
1-99
______
not Pro Loc
Immediate Access
Full Programming
0
FULL PROGRAMMING
MODE ACCESS
MODE WHEN “SEL”
KEY IS PRESSED
SECURITY
CODE
USER INPUT
STATE
USER INPUT
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com