Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUB5USB Datasheet(PDF) 14 Page - Red Lion Controls. Inc

Part # CUB5USB
Description  MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CUB5USB Datasheet(HTML) 14 Page - Red Lion Controls. Inc

Back Button CUB5USB Datasheet HTML 8Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 9Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 10Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 11Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 12Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 13Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 14Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 15Page - Red Lion Controls. Inc CUB5USB Datasheet HTML 16Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Sending Serial Commands and Data
When sending commands to the meter, a string containing at least one
command character must be constructed. A command string consists of a
command character, a value identifier, and numerical data (if writing data to the
meter) followed by a command terminator character, * or $.
Command Chart
Register Identification Chart
ID
Value Description
MNEMONIC
Applicable
Commands
Transmit Details (T and V)
A
Counter A
CTA
T, V, R
8 digit positive/7 digit
negative (with minus sign)
B
Counter B
CTB
T, V, R
7 digit, positive only
C
Rate
RTE
T
6 digit, positive only
D
Scale Factor A
SFA
T, V
6 digit, positive only
E
Scale Factor B
SFB
T, V,
6 digit, positive only
F
Setpoint 1
(Reset Output 1)
SP1
T, V, R
per setpoint Assignment,
same as Counter or Rate
G
Setpoint 2
(Reset Output 2)
SP2
T, V, R
per setpoint Assignment,
same as Counter or Rate
H
Counter A Count
Load Value
CLD
T, V
8 digit positive/7 digit
negative (with minus sign)
Command String Construction
The command string must be constructed in a specific sequence. The meter
does not respond with an error message to illegal commands. The following
procedure details construction of a command string:
1. The first 2 or 3 characters consist of the Node Address Specifier (N) followed
by a 1 or 2 character node address number. The node address number of the
meter is programmable. If the node address is 0, this command and the node
address itself may be omitted. This is the only command that may be used in
conjunction with other commands.
2. After the optional address specifier, the next character is the command character.
3. The next character is the register ID. This identifies the register that the
command affects. The P command does not require a register ID character. It
prints all the active selections chosen in the Print Options menu parameter.
4. If constructing a value change command (writing data), the numeric data is
sent next.
5. All command strings must be terminated with the string termination characters
* or $. The meter does not begin processing the command string until this
character is received. See Command Response Time section for differences in
meter response time when using the * and $ terminating characters.
Command String Examples:
1. Node address = 17, Write 350 to the Setpoint 1 value
String: N17VF350*
2. Node address = 5, Read Counter A, response time of 50 msec min
String: N5TA*
3. Node address = 0, Reset Setpoint 1 output
String: RF*
4. Node address = 31, Request a Block Print Output, response time of 2 msec min
String: N31P$
Transmitting Data to the Meter
Numeric data sent to the meter must be limited to transmit details listed in the
Register Identification Chart. Leading zeros are ignored. Negative numbers
must have a minus sign. The meter ignores any decimal point and conforms the
number to the scaled resolution. (For example: The meter’s scaled decimal point
position is set for 0.0 and 25 is written to a register. The value of the register is
now 2.5. In this case, write a value of 250 to equal 25.0).
Note: Since the meter does not issue a reply to value change commands, follow
with a transmit value command for readback verification.
Receiving Data From The Meter
Data is transmitted from the meter in response to either a transmit command
(T), a block print request command (P) or a User Input print request. The
response from the meter is either a full field transmission or an abbreviated
transmission, depending on the selection chosen in Module 5.
Full Field Transmission
Byte
Description
1, 2
2 byte Node Address field [00-99]
3
<SP> (Space)
4-6
3 byte Register Mnemonic field
7-18
12 byte data field; 10 bytes for number, one byte for sign,
one byte for decimal point
19
<CR> (carriage return)
20
<LF> (line feed)
21
<SP>* (Space)
22
<CR>* (carriage return)
23
<LF>* (line feed)
* These characters only appear in the last line of a block print.
The first two characters transmitted are the meter address. If the address
assigned is 0, two spaces are substituted. A space follows the meter address
field. The next three characters are the register mnemonic, as shown in the
Register Identification Chart.
The numeric data is transmitted next. The numeric field (bytes 7 to 18) is 12
characters long. When a requested counter or rate value exceeds the meter’s
display limits, an * (used as an overflow character) replaces a space in byte 7.
Byte 8 is always a space.
The remaining ten positions of this field consist of a minus sign (for negative
values), a floating decimal point (if applicable), and eight positions for the
requested value. The data within bytes 9 to 18 is right-aligned with leading
spaces for any unfilled positions.
The end of the response string is terminated with a <CR> and <LF>. After
the last line of a block print, an extra <SP>, <CR> and <LF> are added to
provide separation between the print blocks.
Initiates a block print output. Registers in the
print block are selected in Print Options.
Block Print Request
(read)
P
Reset a count value or setpoint output. Must
be followed by a register ID character
Reset
R
Write to register of the meter. Must be
followed by a register ID character and
numeric data.
Value Change (write)
V
Read a register from the meter. Must be
followed by a register ID character.
Transmit Value
(read)
T
Address a specific meter. Must be followed
by one or two digit node address. Not
required when node address = 0.
Node (meter)
Address Specifier
N
Notes
Description
Command
Copy Procedure:
1. Connect the master and receiver using the appropriate copy cable.
2. Apply power to the meters. The receiving meter must be operating in the
normal display mode (not programming mode).
3. On the master meter, enter programming mode and proceed to the Copy
Program Settings parameter in Module 5. Select YES to begin copying.
4. During the copy process (~ 2 sec.), the master meter displays an upload
message (UP-LOAd) while the receiver displays a download message (dn-LOAd).
This indicates successful communication between the master and receiver. If
the receiver message is not displayed, be sure the proper cable is connected.
5. When copying is complete, the receiver displays the power-up sequence and
returns to normal operating mode, programmed with all the same settings as
the master meter. The master remains at the COPY prompt, ready to connect
another receiver for copying.
SEL
RST
UP-LOAd
dn-LOAd
SEL
RST
MASTER
RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com