Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DF Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ES1DF
Description  Surface Mount Superfast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ES1DF Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ES1DF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES1DF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES1DF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ES1AF THRU ES1JF SMAF
3 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Tape/Reel,13”reel
10000
SMAF
SMAF
Package Outline
Plastic surface mounted package; 2leads
The recommended mounting pad size
Summary of Packing Options
Package
Packing Description
Packing Quantity
Industry Standard
EIA-481-1
Tape/Reel,7”reel
3000
EIA-481-1
∠ALL ROUND
V
A
M
UNIT
mm
1.1
0.20
3.7
2.7
4.9
0.9
0.12
3.3
2.4
4.4
7°
max
min
mil
max
min
43
35
7.9
4.7
146
130
106
94
193
173
A
C
D
E
HE
∠
1.6
1.3
63
51
e
Bottom View
HE
g
Top View
1.2
0.8
47
31
g
g
∠ALL ROUND
D
A
E
2.2
(86)
1.6
(63)
1.6
(63)
Unit :
mm
(mil)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com