Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1DF Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ES1DF
Description  Surface Mount Superfast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ES1DF Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ES1DF Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES1DF Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES1DF Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES1AF THRU ES1JF SMAF
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
Surface Mount Superfast Recovery Rectifier
Reverse Voltage - 50 to 600 V
Forward Current - 1 A
FEATURES
Glass Passivated Chip Junction
For surface mounted applications
Low profile package
Superfast reverse recovery time
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 27mg / 0.00095oz
Pinning
1.Cathode
2.Anode
 
 
 
 
  1
2
 
 
SMAF
Absolute Maximum Ratings and characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
ES1AF
ES1BF
ES1DF
ES1GF
ES1JF
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified Current
at Tc = 125 °C
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single
Half Sine Wave Superimposed on Rated Load
IFSM
30
A
Maximum Instantaneous Forward Voltage at 1 A
VF
0.95
1.25
1.65
V
Maximum DC Reverse Current Ta = 25 °C
at Rated DC Blocking Voltage
Ta=125 °C
IR
5
100
μA
Typical Junction Capacitance at VR=4V,f=1MHZ
Cj
15
pF
Maximum Reverse Recovery Time(1)
Trr
35
nS
Typical Thermal Resistance (2)
RθJA
80
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(
1)Measured with IF=0.5A,IR=1A,In=0.25A
(
2)P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
Marking Code
ES1AF
ES1A
ES1BF
ES1B
ES1DF
ES1D
ES1GF
ES1G
ES1JF
ES1J


Similar Part No. - ES1DF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1DF PANJIT-ES1DF Datasheet
269Kb / 4P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Microdiode Semiconducto...
ES1DF CHENDA-ES1DF Datasheet
628Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES1DF YFWDIODE-ES1DF Datasheet
138Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Taiwan Semiconductor Co...
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
1A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
SUNMATE electronic Co.,...
ES1DF SUNMATE-ES1DF Datasheet
336Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results

Similar Description - ES1DF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES2ABF CHENDA-ES2ABF Datasheet
601Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
ES3ABF CHENDA-ES3ABF Datasheet
616Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2ABF YFWDIODE-ES2ABF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES2AW SEMIPOWER-ES2AW Datasheet
133Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES3ABF SEMIPOWER-ES3ABF Datasheet
129Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Shanghai Yint Electroni...
ES2ABF YINT-ES2ABF Datasheet
558Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES3ABF YINT-ES3ABF Datasheet
555Kb / 3P
Surface Mount Superfast Recovery Rectifier
ES5AC YINT-ES5AC Datasheet
552Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Nantong Hornby Electron...
ER1X HORNBY-ER1X_V01 Datasheet
265Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AW YFWDIODE-ES2AW_V01 Datasheet
416Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com