Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2CNN Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 10Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 11Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 12Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 13Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 14Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 15Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 16Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Table 3: precision of the proposed A2CNNS and A2CNN on six domain adaptation problems.
Fault location
None
IF
BF
OF
Fault diameter (in.)
0.007
0.014
0.021
0.007
0.014
0.021
0.007
0.014
0.021
Category labels
1
2
3
4
5
6
7
8
9
10
precision
of A2CNNS
A→B
100%
100%
100%
100%
100%
100%
98.64%
100%
100%
100%
A→C
92.27%
100%
100%
100%
99.75%
92.82%
99.46%
100%
100%
100%
B→A
100%
100%
100%
100%
87.43%
93.68%
100%
100%
100%
100%
B→C
96.74%
100%
49.63%
100%
100%
99.49%
100%
100%
100%
100%
C→A
100%
100%
57.55%
100%
83.33%
95.40%
100%
95.12%
100%
100%
C→B
100%
100%
93.13%
99.88%
98.89%
100%
100%
100%
100%
100%
precision
of A2CNN
A→B
100%
100%
100%
100%
100%
100%
99.88%
100%
100%
100%
A→C
93.46%
100%
100%
100%
100%
100%
100%
100%
100%
100%
B→A
100%
100%
100%
100%
90.70%
92.59%
100%
100%
100%
100%
B→C
100%
100%
99.01%
100%
100%
100%
100%
100%
100%
100%
C→A
100%
100%
100%
100%
90.91%
90.40%
100%
100%
100%
100%
C→B
100%
100%
100%
100%
99.88%
100%
100%
100%
100%
100%
Table 4: recall of the proposed A2CNNS and A2CNN on six domain adaptation problems.
Fault location
None
IF
BF
OF
Fault diameter (in.)
0.007
0.014
0.021
0.007
0.014
0.021
0.007
0.014
0.021
Category labels
1
2
3
4
5
6
7
8
9
10
recall
of A2CNNS
A→B
100%
100%
100%
100%
98.63%
100%
100%
100%
100%
100%
A→C
100%
100%
99.75%
100%
99.50%
92.13%
92.88%
100%
99.50%
100%
B→A
100%
100%
100%
100%
100%
100%
78.88%
100%
100%
100%
B→C
100%
1.13%
100%
100%
100%
96.63%
99.50%
100%
97.38%
100%
C→A
100%
26.75%
100%
100%
100%
96.00%
73.75%
100%
100%
100%
C→B
100%
92.63%
100%
100%
100%
99.88%
98.88%
100%
100%
100%
recall
of A2CNN
A→B
100%
100%
100%
100%
100%
99.88%
100%
100%
100%
100%
A→C
100%
100%
100%
100%
100%
93.00%
100%
100%
100%
100%
B→A
100%
100%
100%
100%
100%
100%
81.75%
100%
100%
100%
B→C
100%
100%
100%
100%
100%
100%
100%
100%
99.00%
100%
C→A
100%
100%
100%
100%
100%
100%
79.38%
100%
100%
100%
C→B
100%
100%
100%
100%
100%
100%
99.88%
100%
100%
100%
4.5. Parameter Sensitivity
In this section, we investigate the influence of the parameter l, which represents the number
of untied layers in the target feature extractor MT during the adversarial adaptive fine tune. Given
that the target feature extractor MT contains five convolutional layers and pooling layers and two
fully-connected hidden layers, l is selected from {1, ..., 7} in our experiment. We use A2CNNl to
denote the A2CNN model with the parameter l. For example, A2CNN1 indicates that only the
last fully-connected hidden layer is untied (i.e. FC2 in Figure 1), and A2CNN7 means all the
seven layers in MT are untied (i.e. from ’Conv1’ to ’FC2’ in Figure 1).
Figure 3 reports the results. From the figure, we can generally observe that the more untied
layers involved in adversarial adaptive fine tuning stage, the higher the accuracy of recognition.
However, the sensitivity of di
fferent adaptive problems to parameters l is different.
First of all, when adapting from domain A to B and from B to A, the enhancement of recog-
nition accuracy is limited. We can use A2CNNS directly to achieve the accuracy of 99.86% and
97.89% respectively, which is only a little worse than A2CNN7. Moreover, in these two cases,
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com