Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2CNN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A2CNN
Description  Adversarial adaptive 1-D convolutional neural networks for bearing fault diagnosis under varying working condition
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A2CNN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A2CNN Datasheet HTML 1Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 2Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 3Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 4Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 5Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 6Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 7Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 8Page - List of Unclassifed Manufacturers A2CNN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SAE model for hydraulic pump fault diagnosis that used frequency features generated by Fourier
transform [11]. Liu et al. used the normalized spectrum generated by Short-time Fourier trans-
form (STFT) of sound signals as the input of a SAE model consisting of two layers. Moreover,
multi-domain statistical features including time domain features, frequency domain features and
time-frequency domain features were fed into the SAE model as a way of feature fusion [12, 13].
There are also some researchers focusing on deep belief network (DBN) [14, 15, 16]. Convolu-
tional neural networks (CNN) [17, 18] as one of the most popular deep learning networks, which
have been successfully used in image recognition, is also used to realize fault diagnosis of me-
chanical parts. Many CNN architectures were proposed, such as VGGNet [19], ResNet [20] and
Inception-v4 [21], for 2-D image recognition. Also, CNN models for 1-D vibration signal were
proposed. For example, 1D raw time vibration signals were used as the inputs of the CNN model
for motor fault detection in [22], which successfully avoided the time-consuming feature extrac-
tion process. Guo et al. [23] proposed a hierarchical CNN consisting of two functional layers,
where the first part is responsible for fault-type recognition and the other part is responsible for
fault-size evaluation.
Most of the above proposed methods are only applicable to the situation that the data used
to train classifier and the data for testing are under the same working condition, which means
that these proposed methods work well only under a common assumption: the labeled train-
ing data (source domain) and unlabeled testing data (target domain) are drawn from the same
distribution. However, many real recognitions of bearing faults show this assumption does not
hold, especially when the working condition varies. In this case, the labeled data obtained in one
working condition may not follow the same distribution in another di
fferent working condition in
real applications. When the distribution changes, most fault diagnosis models need to be rebuilt
from scratch using newly recollected labeled training data. However, it is very expensive, if not
impossible, to annotate huge amount of training data in the target domain to rebuild such new
model. Meanwhile, large amounts of labeled training data in the source domain have not been
fully utilized yet, which apparently waste huge resources and e
ffort. As one of the important
research directions of transfer learning, domain adaptation (DA) typically aims at minimizing
the di
fferences between distributions of different domains in order to minimize the cross-domain
prediction error by taking full advantage of information coming from both source and target
domains. Recently, DA has been introduced into the field of bearings fault diagnosis, such as
[24, 25, 26, 27]. For instance, Zhang et al. [26] took 1-D raw time vibration signal as the input of
the CNN model, which realize fault diagnosis under di
fferent working loads. The domain adap-
tation capacity of this model originates from the method named Adaptive Batch Normalization
(AdaBN). Lu et al. [25] integrated the maximum mean discrepancy (MMD) as the regularization
term into the objective function of DNN to reduce the di
fferences between distributions cross
domains.
In general, the main problem existing in domain adaptation is the divergence of distribution
between the source domain and the target domain. We need to learn a new feature representa-
tion, which should be fault-discriminative and simultaneously be domain-invariant. The fault-
discriminative ability refers that the learned feature representation should minimize the label
classifier error, i.e., has a good ability to identify di
fferent faults. The domain-invariant ability
means that the learned feature representation should maximize the domain classification loss for
all domains. That is to say, instances sampled from the source and target domains have similar
distributions in the learned feature space. As a result, a domain classifier cant distinguish whether
data come from the source domain or from the target domain.
In 2014, Goodfellow et al. [28] proposed Generative Adversarial Nets (GAN). GAN simul-
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com