Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79514 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79514
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79514 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79514 Datasheet HTML 4Page - Advanced Micro Devices AM79514 Datasheet HTML 5Page - Advanced Micro Devices AM79514 Datasheet HTML 6Page - Advanced Micro Devices AM79514 Datasheet HTML 7Page - Advanced Micro Devices AM79514 Datasheet HTML 8Page - Advanced Micro Devices AM79514 Datasheet HTML 9Page - Advanced Micro Devices AM79514 Datasheet HTML 10Page - Advanced Micro Devices AM79514 Datasheet HTML 11Page - Advanced Micro Devices AM79514 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Am79514 Data Sheet
Supply Currents
VCC On-hook supply current
Open Circuit state
OHT state
Active state
3
6
7.5
4.5
10
12
mA
VEE On-hook supply current
Open Circuit state
OHT state
Active state
1.0
2.2
2.7
2.3
3.5
6.0
VBAT On-hook supply current
Open Circuit state
OHT state
Active state
0.4
3.0
4.0
1.0
5.0
6.0
Power Supply Rejection Ratio (VRIPPLE = 50 mVrms)
VCC
40 Hz to 3400 Hz
3.4 kHz to 50 kHz
20
20
35
30
dB
6, 7
—
VEE
40 Hz to 3400 Hz
3.4 kHz to 50 kHz
20
15
30
25
6, 7
—
VBAT
40 Hz to 3400 Hz
3.4 kHz to 50 kHz
27
20
30
30
6, 7
—
Off-Hook Detector
Current threshold
IDET = 365/RD
–20
+20
%
Ground-Key Detector Thresholds Active State, Battery = –60 V
Ground-key resistance threshold B(RING) to GND
2.0
4.2
10.0
k
Ω
Ground-key current threshold
B(RING) or midpoint to GND
9
mA
8
Ring-Trip Detector Input
Bias current
–5
–0.05
µA
Offset voltage
Source resistance = 0 to 200 k
Ω
–50
0
+50
mV
Logic Inputs (C4–C1, E1, and CHCLK)
Input High voltage
2.0
V
Input Low voltage
0.8
µA
Input High current
All inputs except E1
Input E1
–75
–75
40
45
Input Low current
–0.4
mA
Logic Output (DET)
Output Low voltage
IOUT = 0.8 mA
0.4
V
Output High voltage
IOUT = –0.1 mA
2.4
Relay Driver Outputs (RINGOUT, TESTOUT)
On voltage
50 mA source
BGND –2
V
Off leakage
0.5
100
µA
Clamp voltage
50 mA sink
QBAT –2
V
ELECTRICAL CHARACTERISTICS (CONTINUED)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com