Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79514 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79514
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79514 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79514 Datasheet HTML 9Page - Advanced Micro Devices AM79514 Datasheet HTML 10Page - Advanced Micro Devices AM79514 Datasheet HTML 11Page - Advanced Micro Devices AM79514 Datasheet HTML 12Page - Advanced Micro Devices AM79514 Datasheet HTML 13Page - Advanced Micro Devices AM79514 Datasheet HTML 14Page - Advanced Micro Devices AM79514 Datasheet HTML 15Page - Advanced Micro Devices AM79514 Datasheet HTML 16Page - Advanced Micro Devices AM79514 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SLIC Products
13
DC FEED CHARACTERISTICS (continued)
A
B
IL
RSN
RDC
RDC1
RDC2
CDC
SLIC
RL
a
b
Feed current programmed by RDC1 and RDC2
c. Feed Programming
Figure 1.
DC Feed Characteristics
RDC = 62.5 kΩ
VBAT = 62.3 V
b. Loop Current vs. Load Resistance (Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com