Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79535 Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM79535
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79535 Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM79535 Datasheet HTML 8Page - Advanced Micro Devices AM79535 Datasheet HTML 9Page - Advanced Micro Devices AM79535 Datasheet HTML 10Page - Advanced Micro Devices AM79535 Datasheet HTML 11Page - Advanced Micro Devices AM79535 Datasheet HTML 12Page - Advanced Micro Devices AM79535 Datasheet HTML 13Page - Advanced Micro Devices AM79535 Datasheet HTML 14Page - Advanced Micro Devices AM79535 Datasheet HTML 15Page - Advanced Micro Devices AM79535 Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
Am7953X Data Sheet
11. Tested with 0
Ω source impedance. 2 MΩ is specified for system design purposes only.
12. Group delay can be reduced considerably by using a ZT network such as that shown in Note 10 above. The network reduces
the group delay to less than 2
µs. The effect of group delay on linecard performance may be compensated for by using
QSLAC™ or DSLAC™ devices.
Note:
* For the Am79534 and Am79535, a logic Low on E0 disables the DET output into the open-collector state.
Table 1.
SLIC Decoding
DET Output (E0 = 1*)
State
C3 C2 C1
Two-Wire Status
E1 = 0
E1 = 1
0
0
0
1
Open Circuit
Ring trip
Ring trip
1
0
0
1
Ringing
Ring trip
Ring trip
2
0
1
0
Active
Loop detector
Ground key
3
0
1
1
On-hook TX (OHT)
Loop detector
Ground key
4
1
0
0
Tip Open
Loop detector
—
5
1
0
1
Reserved
Loop detector
—
6
1
1
0
Active Polarity Reversal
Loop detector
Ground key
7
1
1
1
OHT Polarity Reversal
Loop detector
Ground key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com