Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79535 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79535
Description  Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79535 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79535 Datasheet HTML 9Page - Advanced Micro Devices AM79535 Datasheet HTML 10Page - Advanced Micro Devices AM79535 Datasheet HTML 11Page - Advanced Micro Devices AM79535 Datasheet HTML 12Page - Advanced Micro Devices AM79535 Datasheet HTML 13Page - Advanced Micro Devices AM79535 Datasheet HTML 14Page - Advanced Micro Devices AM79535 Datasheet HTML 15Page - Advanced Micro Devices AM79535 Datasheet HTML 16Page - Advanced Micro Devices AM79535 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SLIC Products
13
Table 2.
User-Programmable Components
Where ZT is connected between the VTX and RSN pins. The
fuse resistors are RF, and Z2WIN is the desired 2-wire AC input
impedance. When computing ZT, the internal current amplifier
pole and any external stray capacitance between VTX and
RSN must be taken into account.
Where ZRX is connected from VRX to the RSN pin, ZT is
defined above, and G42L is the desired receive gain.
Where RDC1, RDC2, and CDC form the network connected to
the RDC pin. RDC1 and RDC2 are approximately equal.
Where RD and CD form the network connected from RD to –5 V
and IT is the threshold current between on hook and off hook.
Z
T
1000 Z
2W IN
2R
F
–
()
=
Z
RX
Z
L
G
42L
------------
1000
Z
T
•
Z
T
1000 Z
L
2R
F
+
()
+
-----------------------------------------------------
•
=
R
DC 1
R
DC2
+
2500
I
FEED
--------------
=
C
DC
1.5 ms
R
DC 1
R
DC2
+
R
DC 1
R
DC2
•
---------------------------------
•
=
R
D
365
I
T
---------,
=C
D
0.5 ms
R
D
----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com