Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L540DPGET Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540DPGET
Description  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RM48L540DPGET Datasheet(HTML) 28 Page - Texas Instruments

Back Button RM48L540DPGET Datasheet HTML 24Page - Texas Instruments RM48L540DPGET Datasheet HTML 25Page - Texas Instruments RM48L540DPGET Datasheet HTML 26Page - Texas Instruments RM48L540DPGET Datasheet HTML 27Page - Texas Instruments RM48L540DPGET Datasheet HTML 28Page - Texas Instruments RM48L540DPGET Datasheet HTML 29Page - Texas Instruments RM48L540DPGET Datasheet HTML 30Page - Texas Instruments RM48L540DPGET Datasheet HTML 31Page - Texas Instruments RM48L540DPGET Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 174 page
background image
RM48L940, RM48L740, RM48L540
SPNS175C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
4.3.2.10 Ethernet Controller
Table 4-29. ZWT Ethernet Controller: MDIO Interface
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
MIBSPI3NCS[1]/N2HET1[25]/MDCLK
V5
Output
Pullup
None
Serial clock output
MIBSPI1NCS[2]/N2HET1[19]/MDIO
G3
I/O
Pullup
Fixed, 20 µA
Serial data input/output
Table 4-30. ZWT Ethernet Controller: Reduced Media Independent Interface (RMII)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
RMII carrier sense and
N2HET1[12]/MII_CRS/RMII_CRS_DV
B4
receive data valid
RMII synchronous reference
N2HET1[28]/MII_RX_CLK/RMII_REFCLK/MII_RX_AVCLK4
K19
clock for receive, transmit and
Fixed 12-µA
control interface
Input
Pulldown
Pulldown
AD1EVT/MII_RX_ER/RMII_RX_ER
N19
RMII receive error
N2HET1[24]/MIBSPI1NCS[5]/MII_RXD[0]/RMII_RXD[0]
P1
RMII receive data
N2HET1[26]/MII_RXD[1]/RMII_RXD[1]
A14
MIBSPI5SOMI[0]/DMM_DATA[12]/MII_TXD[0]/RMII_TXD[0]
J18
RMII transmit data
MIBSPI5SIMO[0]/DMM_DATA[8]/MII_TXD[1]/RMII_TXD[1]
J19
Output
Pullup
None
MIBSPI5CLK/DMM_DATA[4]/MII_TXEN/RMII_TXEN
H19
RMII transmit enable
Table 4-31. ZWT Ethernet Controller: Media Independent Interface (MII)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
MIBSPI1NCS[1]/N2HET1[17]/MII_COL
F3
Pullup
None
Collision detect
Input
Fixed 20-µA
Carrier sense and receive
N2HET1[12]/MII_CRS/RMII_CRS_DV
B4
Pulldown
Pulldown
data valid
N2HET1[28]/MII_RX_CLK/RMII_REFCLK/MII_RX_AVCLK4
K19
I/O
Pulldown
None
MII output receive clock
N2HET1[30]/MII_RX_DV
B11
Received data valid
Input
AD1EVT/MII_RX_ER/RMII_RX_ER
N19
Receive error
Fixed 20-µA
N2HET1[28]/MII_RX_CLK/RMII_REFCLK/MII_RX_AVCLK4
K19
I/O
Pulldown
Receive clock
Pulldown
N2HET1[24]/MIBSPI1NCS[5]/MII_RXD[0]/RMII_RXD[0]
P1
N2HET1[26]/MII_RXD[1]/RMII_RXD[1]
A14
Input
Receive data
MIBSPI1NENA/N2HET1[23]/MII_RXD[2]
G19
Fixed 20-µA
Pullup
Pulldown
MIBSPI5NENA/DMM_DATA[7]/MII_RXD[3]
H18
N2HET1[10]/MII_TX_CLK/MII_TX_AVCLK4
D19
MII output transmit clock
I/O
Pulldown
None
N2HET1[10]/MII_TX_CLK/MII_TX_AVCLK4
D19
Transmit clock
MIBSPI5SOMI[0]/DMM_DATA[12]/MII_TXD[0]/RMII_TXD[0]
J18
MIBSPI5SIMO[0]/DMM_DATA[8]/MII_TXD[1]/RMII_TXD[1]
J19
Pullup
None
Transmit data
MIBSPI1NCS[0]/MIBSPI1SOMI[1]/MII_TXD[2]
R2
Output
N2HET1[8]/MIBSPI1SIMO[1]/MII_TXD[3]
E18
Pulldown
None
MIBSPI5CLK/DMM_DATA[4]/MII_TXEN/RMII_TXEN
H19
Pullup
None
Transmit enable
28
Terminal Configuration and Functions
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com