Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM48L540DPGET Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # RM48L540DPGET
Description  RM48Lx40 16- and 32-Bit RISC Flash Microcontroller
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RM48L540DPGET Datasheet(HTML) 88 Page - Texas Instruments

Back Button RM48L540DPGET Datasheet HTML 84Page - Texas Instruments RM48L540DPGET Datasheet HTML 85Page - Texas Instruments RM48L540DPGET Datasheet HTML 86Page - Texas Instruments RM48L540DPGET Datasheet HTML 87Page - Texas Instruments RM48L540DPGET Datasheet HTML 88Page - Texas Instruments RM48L540DPGET Datasheet HTML 89Page - Texas Instruments RM48L540DPGET Datasheet HTML 90Page - Texas Instruments RM48L540DPGET Datasheet HTML 91Page - Texas Instruments RM48L540DPGET Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 174 page
background image
EMIF_nCS[3:2]
25
Asserted
2
2
EMIF_BA[1:0]
EMIF_ADDR[21:0]
EMIF_DATA[15:0]
EMIF_nWE
EMIF_WAIT
SETUP
Extended Due to EMIF_WAIT
28
Deasserted
STROBE
STROBE HOLD
RM48L940, RM48L740, RM48L540
SPNS175C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
Figure 6-16. EMIFnWAIT Write Timing Requirements
Table 6-27. EMIF Asynchronous Memory Timing Requirements
NO.
MIN
NOM
MAX
UNIT
READS AND WRITES
E
EMIF clock period
10
ns
Pulse duration, EMIFnWAIT
2
tw(EM_WAIT)
2E
ns
assertion and deassertion
READS
tsu(EMDV-EMOEH)
Setup time, EMIFDATA[15:0]
12
30
ns
valid before EMIFnOE high
th(EMOEH-EMDIV)
Hold time, EMIFDATA[15:0] valid
13
0.5
ns
after EMIFnOE high
Setup Time, EMIFnWAIT
14
tsu(EMOEL-EMWAIT)
asserted before end of Strobe
4E+30
ns
Phase(1)
WRITES
Setup Time, EMIFnWAIT
28
tsu(EMWEL-EMWAIT)
asserted before end of Strobe
4E+30
ns
Phase(1)
(1)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EMIFnWAIT must be asserted to add extended
wait states. Figure 6-14 and Figure 6-16 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
88
System Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com