Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F913 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 69Page - Microchip Technology PIC16F913 Datasheet HTML 70Page - Microchip Technology PIC16F913 Datasheet HTML 71Page - Microchip Technology PIC16F913 Datasheet HTML 72Page - Microchip Technology PIC16F913 Datasheet HTML 73Page - Microchip Technology PIC16F913 Datasheet HTML 74Page - Microchip Technology PIC16F913 Datasheet HTML 75Page - Microchip Technology PIC16F913 Datasheet HTML 76Page - Microchip Technology PIC16F913 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 71
PIC16F917/916/914/913
4.2
Clock Source Modes
Clock source modes can be classified as external or
internal.
• External clock modes rely on external circuitry for
the clock source. Examples are oscillator modules
(EC mode), quartz crystal resonators or ceramic
resonators (LP, XT and HS modes), and
Resistor-Capacitor (RC mode) circuits.
• Internal clock sources are contained internally
within the PIC16F917/916/914/913. The
PIC16F917/916/914/913 has two internal oscilla-
tors: the 8 MHz High-Frequency Internal Oscilla-
tor (HFINTOSC) and 31 kHz Low-Frequency
Internal Oscillator (LFINTOSC).
The system clock can be selected between external or
internal clock sources via the System Clock Selection
(SCS) bit (see Section 4.5 “Clock Switching”).
4.3
External Clock Modes
4.3.1
OSCILLATOR START-UP TIMER
(OST)
If the PIC16F917/916/914/913 is configured for LP, XT
or HS modes, the Oscillator Start-up Timer (OST)
counts 1024 oscillations from the OSC1 pin, following a
Power-on Reset (POR), and the Power-up Timer
(PWRT) has expired (if configured), or a wake-up from
Sleep. During this time, the program counter does not
increment and program execution is suspended. The
OST ensures that the oscillator circuit, using a quartz
crystal resonator or ceramic resonator, has started and
is
providing
a
stable
system
clock
to
the
PIC16F917/916/914/913. When switching between
clock sources a delay is required to allow the new clock
to stabilize. These oscillator delays are shown in
Table 4-1.
4.3.1.1
Special Case
An exception to this is when the device is put to Sleep
while the following conditions are true:
• LP is the selected primary oscillator mode.
• T1OSCEN = 1 (Timer1 oscillator is enabled).
•SCS = 0 (oscillator mode is defined by
FOSC<2:0>).
• OSTS = 1 (device is running from primary system
clock).
For this case, the OST is not necessary after a wake-up
from Sleep, since Timer1 continues to run during Sleep
and uses the same LP oscillator circuit as its clock
source. For these devices, this case is typically seen
when the LCD module is running during Sleep.
In applications where the OSCTUNE register is used to
shift the FINTOSC frequency, the application should not
expect the FINTOSC frequency to stabilize immediately.
In this case, the frequency may shift gradually toward
the new value. The time for this frequency shift is less
than eight cycles of the base frequency.
Table 4-1 shows examples where the oscillator delay is
invoked.
In order to minimize latency between external oscillator
start-up and code execution, the Two-Speed Clock
Start-up mode can be selected (see Section 4.6
“Two-Speed Clock Start-up Mode”).
Note:
When the OST is invoked, the WDOG is
held in Reset, because the WDOG ripple
counter is used by the OST to perform the
oscillator delay count. When the OST
count has expired, the WDOG will begin
counting (if enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com