Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP.CP01 Datasheet(PDF) 1 Page - Compex Systems Pte. Lte.

Part # AP.CP01
Description  Multi-function IPQ6018 Embedded Board with on-board WiFi
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

AP.CP01 Datasheet(HTML) 1 Page - Compex Systems Pte. Lte.

  AP.CP01 Datasheet HTML 1Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 2Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 3Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 4Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 5Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 6Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 7Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 8Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 9Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Embedded boards
Model: AP.CP01
Multi-function IPQ6018 Embedded Board with on-board WiFi
2.5Gbps GE Port / Dual Band Dual Concurrent / 802.11ax MU-MIMO OFDMA
KEY FEATURES
•
Quad-core ARM 64bit A53 @1.8GHz Processor
•
1GB DDR3L System Memory
•
32MB NOR Flash, 256MB NAND Flash
•
Supports Dynamic Frequency Selection (DFS)
•
2x2 On-board 2.4GHz radio, up to 573Mbps physical Data Rate
•
2x2 On-board 5GHz radio, up to 1201Mbps physical Data Rate
APPLICATIONS
•
802.11ax MU-MIMO OFDMA Access Point
•
Mesh router supporting EasyMesh
•
Smart AP TWT
Specifications
Chipset
Qualcomm-Atheros IPQ6018
CPU Frequency
Quad-core ARM 64 bit A53 @1.8 GHz processor
System Memory
1GB (2x 512MB) DDR3L 16-bit interface with 32-bit memory bus design
NAND Flash
256MB
NOR Flash
32MB
Ethernet Port
5x 1Gbps Ethernet Ports , 1x 2.5Gbps Ethernet Port
NGFF Slot
M.2 (NGFF) “E Key” Socket with PCIe 3.0
SD Card Slot
1x SD Card Slot
DC Jack Input
1x DC Jack Connector: DC 12V
Power consumption (Board only)
17W (Max)
On board radio
2 radios
Wireless
On-board 2x2 2.4GHz MU-MIMO OFDMA 802.11b/g/n/ax, max 23dBm per chain
On-board 2x2 5GHz MU-MIMO OFDMA 802.11a/n/ac/ax, max 23dBm per chain
4x U.FL Connectors
2.4GHz Data Rate
2x2 MU-MIMO OFDMA Technology, up to 573Mbps
5GHz Data Rate
2x2 MU-MIMO OFDMA Technology, up to 1201Mbps
LED header
FFC/FPC Connector
USB /header
1x USB 2.0 Port, 1x USB 3.0 Type-C Port
Serial Port
1x Serial Port 12 Pin Connector
JTAG Debug Interface
1x JTAG 20 Pin Connector
Push Button Reset
1x Hardware reset
Reference Design
AP.CP01
1.The Serial Port is a 4-pin header (TTL). A Serial Converter is available to change the TTL signals on the board to RS-232 signals for debugging.
2.The JTAG Port is a 20-pin header. A JTAG kit is for writing your self-developed loader and firmware directly.
Continued on Page 2...


Similar Part No. - AP.CP01

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
AP.CP03 COMPEX-AP.CP03 Datasheet
817Kb / 8P
Qualcomm?셲 IPQ6000 WiFi 6 (802.11ax) Embedded Board
More results

Similar Description - AP.CP01

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
HK01.1 COMPEX-HK01.1 Datasheet
823Kb / 8P
Multi-function IPQ8074 Embedded Board with 2.2GHz CPU
WPJ342 COMPEX-WPJ342 Datasheet
1Mb / 6P
Multi-function AR9342 Embedded Board with on-board Wireless
WPJ344 COMPEX-WPJ344 Datasheet
687Kb / 7P
Multi-function AR9344 Embedded Board with on-board Wireless
WPJ419 COMPEX-WPJ419 Datasheet
908Kb / 8P
Multi-function IPQ4019 Embedded Board with on-board Wireless
WPJ428 COMPEX-WPJ428 Datasheet
1Mb / 6P
Multi-function IPQ4028 Embedded Board with on-board Wireless
WPJ531 COMPEX-WPJ531 Datasheet
1Mb / 7P
Multi-function QCA9531 Embedded Board with on-board Wireless
WPJ558 COMPEX-WPJ558 Datasheet
2Mb / 6P
Multi-function QCA9558 Embedded Board with on-board Wireless
WPQ864 COMPEX-WPQ864 Datasheet
2Mb / 4P
Multi-function IPQ8064 Embedded Board with 1.4GHz CPU
WPQ865 COMPEX-WPQ865 Datasheet
1Mb / 4P
Multi-function IPQ8065 Embedded Board with 1.7GHz CPU
WPQ872 COMPEX-WPQ872 Datasheet
1Mb / 9P
Multi-function IPQ8072A Embedded Board with on-board WiFi
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com