Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP.CP01 Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # AP.CP01
Description  Multi-function IPQ6018 Embedded Board with on-board WiFi
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

AP.CP01 Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  AP.CP01 Datasheet HTML 1Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 2Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 3Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 4Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 5Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 6Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 7Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 8Page - Compex Systems Pte. Lte. AP.CP01 Datasheet HTML 9Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Embedded boards
2
Embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 31/08/2020 SL, LL, GS, AT
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Onboard other module
Support Bluetooth Module
Frequency Range
2.412~2.472GHz, 5.150~5.825GHz
Modulation Techniques
OFDMA: BPSK, QPSK, 16-QAM, 64-QAM, 256-QAM,1024QAM
Certification
TBD
Humidity
Operating: 5% to 95% (non-condensing)
Storage: Max. 90% (non-condensing)
Temperature Range
Operating: -20ºC to 70ºC
Storage: -40ºC to 90ºC
Dimension (W x H x D)
219mm x 150mm x 16.5mm (Without Heatsink)
*Configurations are subject to change without notifications.
RF Performance Table at 2.4GHz
Data Rate
TX Power
(per chain)
TX Power
(2 chains)
Tolerance
2.4GHz
802.11b
1Mbps
23dBm
26dBm
±2dB
2Mbps
23dBm
26dBm
±2dB
5.5Mbps
23dBm
26dBm
±2dB
11Mbps
23dBm
26dBm
±2dB
2.4GHz
802.11g
6Mbps
23dBm
26dBm
±2dB
9Mbps
23dBm
26dBm
±2dB
12Mbps
23dBm
26dBm
±2dB
18Mbps
23dBm
26dBm
±2dB
24Mbps
23dBm
26dBm
±2dB
36Mbps
23dBm
26dBm
±2dB
48Mbps
23dBm
26dBm
±2dB
54Mbps
23dBm
26dBm
±2dB
2.4GHz
802.11n
HT20
MCS 0
23dBm
26dBm
±2dB
MCS 1
23dBm
26dBm
±2dB
MCS 2
23dBm
26dBm
±2dB
MCS 3
23dBm
26dBm
±2dB
MCS 4
23dBm
26dBm
±2dB
MCS 5
23dBm
26dBm
±2dB
MCS 6
23dBm
26dBm
±2dB
MCS 7
22dBm
25dBm
±2dB
2.4GHz
802.11n
HT40
MCS 0
23dBm
26dBm
±2dB
MCS 1
23dBm
26dBm
±2dB
MCS 2
23dBm
26dBm
±2dB
MCS 3
23dBm
26dBm
±2dB
MCS 4
23dBm
26dBm
±2dB
MCS 5
23dBm
26dBm
±2dB
MCS 6
23dBm
26dBm
±2dB
MCS 7
22dBm
25dBm
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4GHz
802.11b
1Mbps
-101
±2dB
2Mbps
-99
±2dB
5.5Mbps
-96
±2dB
11Mbps
-94
±2dB
2.4GHz
802.11g
6Mbps
-97
±2dB
9Mbps
-95
±2dB
12Mbps
-93
±2dB
18Mbps
-91
±2dB
24Mbps
-89
±2dB
36Mbps
-86
±2dB
48Mbps
-84
±2dB
54Mbps
-81
±2dB
2.4GHz
802.11n
HT20
MCS 0
-97
±2dB
MCS 1
-95
±2dB
MCS 2
-92
±2dB
MCS 3
-90
±2dB
MCS 4
-88
±2dB
MCS 5
-86
±2dB
MCS 6
-84
±2dB
MCS 7
-81
±2dB
2.4GHz
802.11n
HT40
MCS 0
-94
±2dB
MCS 1
-92
±2dB
MCS 2
-89
±2dB
MCS 3
-87
±2dB
MCS 4
-85
±2dB
MCS 5
-83
±2dB
MCS 6
-81
±2dB
MCS 7
-78
±2dB
... Continued from Page 1.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com