Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP.CP03 Datasheet(PDF) 1 Page - Compex Systems Pte. Lte.

Part # AP.CP03
Description  Qualcomm?셲 IPQ6000 WiFi 6 (802.11ax) Embedded Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

AP.CP03 Datasheet(HTML) 1 Page - Compex Systems Pte. Lte.

  AP.CP03 Datasheet HTML 1Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 2Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 3Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 4Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 5Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 6Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 7Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 8Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
wireless embedded boards
Last Updated: 12/06/2020
Qualcomm’s IPQ6000 WiFi 6 (802.11ax) Embedded Board
Dual Band Dual Concurrent / MU-MIMO OFDMA
Specifications
Chipset
Qualcomm-Atheros IPQ6000
CPU Frequency
Quad-core ARM 64 bit A53 @1.2GHz processor
System Memory
DDR3L 512MB 16-bit interface
NAND Flash
128MB
NOR Flash
16MB
Ethernet Port
2x 1Gbps Ethernet Ports
DC Jack Input
1x DC Jack Connector: 12V
Power Consumption (Board Only)
13W (Max)
On Board Radio
2 radios (Dual band concurrent radio)
Wireless
On-board 2x2 2.4GHz MU-MIMO OFDMA 802.11b/g/n/ax, max 20dBm per chain
On-board 2x2 5GHz MU-MIMO OFDMA 802.11a/n/ac/ax, max 20dBm per chain
2x U.FL Connectors, diplexer allows dual band concurrent operation
Frequency Range
2.412~2.472GHz, 5.150~5.825GHz
2.4GHz Data Rate
2x2 MU-MIMO OFDMA Technology, up to 573Mbps
5GHz Data Rate
2x2 MU-MIMO OFDMA Technology, up to 1201Mbps
Modulation Techniques
OFDMA: BPSK, QPSK, 16-QAM, 64-QAM, 256-QAM,1024QAM
LED
4x LED Indicators
USB /Header
1x MicroUSB 2.0 Port
Serial Port
1x Serial Interface 12 Pin Connectors
Certification
TBD
Humidity
Operating: 5% to 95% (non-condensing)
Storage: Max. 90% (non-condensing)
Temperature Range
Operating: -20ºC to 60ºC
Storage: -40ºC to 90ºC
Dimension (Diameter x Height)
100mm x 23.5mm (Without Heatsink)
TBD (With Heatsink)
1.The Serial Port is a 4-pin header (TTL). A Serial Converter is available to change the TTL signals on the board to RS-232 signals for debugging.
*Configurations are subject to change without notifications.
Model: AP.CP03
KEY FEATURES
•
Qualcomm-Atheros IPQ6000
•
Quad-core ARM 64 bit A53s 1.2GHz processor
•
2.4GHz, 2x2 MU-MIMO OFDMA Technology, up to
573Mbps
•
5GHz, 2x2 MU-MIMO OFDMA Technology, up to
1201Mbps
•
2 on board radios (Dual Band Concurrent Radio)
•
Supports Dynamic Frequency Selection (DFS)
APPLICATIONS
•
802.11ax MU-MIMO OFDMA Access Point
•
Mesh router supporting EasyMesh
•
Smart AP TWT


Similar Part No. - AP.CP03

ManufacturerPart #DatasheetDescription
logo
Compex Systems Pte. Lte...
AP.CP01 COMPEX-AP.CP01 Datasheet
573Kb / 9P
Multi-function IPQ6018 Embedded Board with on-board WiFi
More results

Similar Description - AP.CP03

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
LB-471LF PROTECHSYSTEMS-LB-471LF Datasheet
377Kb / 2P
Embedded Board
LB-501 PROTECHSYSTEMS-LB-501 Datasheet
481Kb / 2P
Embedded Board
LB-502LF PROTECHSYSTEMS-LB-502LF Datasheet
901Kb / 2P
Embedded Board
logo
List of Unclassifed Man...
IW-SM2144N1C ETC2-IW-SM2144N1C Datasheet
395Kb / 3P
Miniature embedded secure WiFi module
HLK-RM04 ETC1-HLK-RM04 Datasheet
205Kb / 9P
low-cost embedded UART-ETH-WIFI module
logo
Intel Corporation
AX201 INTEL-AX201 Datasheet
236Kb / 3P
wifi 6 gig module
logo
Compex Systems Pte. Lte...
AP.CP01 COMPEX-AP.CP01 Datasheet
573Kb / 9P
Multi-function IPQ6018 Embedded Board with on-board WiFi
WPQ872 COMPEX-WPQ872 Datasheet
1Mb / 9P
Multi-function IPQ8072A Embedded Board with on-board WiFi
logo
Maxtena Inc.
MPA-254-WIFI MAXTENA-MPA-254-WIFI Datasheet
1Mb / 3P
WIFI 2.4/5 GHz Embedded Patch Antenna
REV A
MPA-258-WIFI MAXTENA-MPA-258-WIFI Datasheet
1Mb / 3P
Embedded WiFi Microstrip Antenna
REV A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com