Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP.CP03 Datasheet(PDF) 3 Page - Compex Systems Pte. Lte.

Part # AP.CP03
Description  Qualcomm?셲 IPQ6000 WiFi 6 (802.11ax) Embedded Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

AP.CP03 Datasheet(HTML) 3 Page - Compex Systems Pte. Lte.

  AP.CP03 Datasheet HTML 1Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 2Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 3Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 4Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 5Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 6Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 7Page - Compex Systems Pte. Lte. AP.CP03 Datasheet HTML 8Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 12/06/2020 LL, SL, AT, GS
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Data Rate
TX Power
(per chain)
TX Power
(2 chains)
Tolerance
2.4GHz
802.11ax
HE20
MCS 0
19dBm
22dBm
±2dB
MCS 1
19dBm
22dBm
±2dB
MCS 2
19dBm
22dBm
±2dB
MCS 3
19dBm
22dBm
±2dB
MCS 4
19dBm
22dBm
±2dB
MCS 5
19dBm
22dBm
±2dB
MCS 6
18dBm
21dBm
±2dB
MCS 7
17dBm
20dBm
±2dB
MCS 8
15dBm
18dBm
±2dB
MCS 9
15dBm
18dBm
±2dB
MCS 10
14dBm
17dBm
±2dB
MCS 11
14dBm
17dBm
±2dB
2.4GHz
802.11ax
HE40
MCS 0
18dBm
21dBm
±2dB
MCS 1
18dBm
21dBm
±2dB
MCS 2
18dBm
21dBm
±2dB
MCS 3
18dBm
21dBm
±2dB
MCS 4
18dBm
21dBm
±2dB
MCS 5
18dBm
21dBm
±2dB
MCS 6
17dBm
20dBm
±2dB
MCS 7
16dBm
19dBm
±2dB
MCS 8
15dBm
18dBm
±2dB
MCS 9
15dBm
18dBm
±2dB
MCS 10
14dBm
17dBm
±2dB
MCS 11
14dBm
17dBm
±2dB
Data Rate
RX Specifications
Sensitivity
Tolerance
2.4GHz
802.11ax
HE20
MCS 0
-95
±2dB
MCS 1
-93
±2dB
MCS 2
-90
±2dB
MCS 3
-87
±2dB
MCS 4
-84
±2dB
MCS 5
-81
±2dB
MCS 6
-79
±2dB
MCS 7
-76
±2dB
MCS 8
-73
±2dB
MCS 9
-70
±2dB
MCS 10
-68
±2dB
MCS 11
-65
±2dB
2.4GHz
802.11ax
HE40
MCS 0
-92
±2dB
MCS 1
-90
±2dB
MCS 2
-87
±2dB
MCS 3
-85
±2dB
MCS 4
-83
±2dB
MCS 5
-79
±2dB
MCS 6
-77
±2dB
MCS 7
-74
±2dB
MCS 8
-71
±2dB
MCS 9
-68
±2dB
MCS 10
-65
±2dB
MCS 11
-63
±2dB
RF Performance Table for 2.4GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com