Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C34096A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C34096A
Description  3.3V 512K x 8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C34096A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
AS7C34096A
8/17/04, v. 2.1
Alliance Semiconductor
P. 2 of 9
Functional description
The AS7C34096A is a high-performance CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as
524,288 words × 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are
desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 4/5/6/7 ns are
ideal for high-performance applications. The chip enable input CE permits easy memory expansion with multiple-bank memory
systems.
When CE is high the device enters standby mode. The device is guaranteed not to exceed 28.8mW power consumption in
CMOS standby mode.
A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data on the input pins I/O1–I/O8 is written
on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention, external devices should drive I/O pins
only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and chip enable (CE), with write enable (WE) high. The chip
drives I/O pins with the data word referenced by the input address. When either chip enable or output enable is inactive, or write
enable is active, output drivers stay in high-impedance mode.
All chip inputs and outputs are TTL-compatible, and operation is from a single 3.3V supply voltage. This device is available as
per industry standard 400-mil 36-pin SOJ and 44-pin TSOP 2 packages.
NOTE: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and func-
tional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect reliability.
Key: X = Don’t care, L = Low, H = High
Absolute maximum ratings
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
Vt1
–0.5
+5.0
V
Voltage on any pin relative to GND
Vt2
–0.5
VCC +0.5
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
°C
Temperature with VCC applied
Tbias
–55
+125
°C
DC current into output (low)
IOUT
–20
mA
Truth table
CE
WE
OE
Data
Mode
H
X
X
High Z
Standby (ISB, ISB1)
L
H
H
High Z
Output disable (ICC)
LH
L
DOUT
Read (ICC)
LL
X
DIN
Write (ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com