Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C34096A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS7C34096A
Description  3.3V 512K x 8 CMOS SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34096A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS7C34096A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34096A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS7C34096A
8/17/04, v. 2.1
Alliance Semiconductor
P. 3 of 9
*
VIL min = –1.0V for pulse width less than 5ns.
**
VIH max = VCC + 2.0V for pulse width less than 5ns.
Recommended operating condition
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
VCC(10/12/15/20)
3.0
3.3
3.6
V
Input voltage
VIH
**
2.0
–
VCC + 0.5
V
VIL
*
–0.5
–
0.8
V
Ambient operating
temperature
commercial
TA
0–
70
°C
industrial
TA
–40
–
85
°C
DC operating characteristics (over the operating range)1
Parameter
Symbol
Test conditions
–10
–12
–15
–20
Unit
Min Max Min Max Min Max Min Max
Input leakage
current
|ILI|
VCC = Max, VIN = GND to VCC
–1–
1–1
–1
µA
Output leakage
current
|ILO|
VCC = Max, CE = VIH
VOUT= GND to VCC
–1–
1–1
–1
µA
Operating power
supply current
ICC
VCC = Max, CE ≤ VIL
f = fMax, IOUT = 0mA
Industrial
–180–160–140
–
110
mA
Commercial
-
170
-
150
-
130
-
100
mA
Standby power
supply current
ISB
VCC = Max, CE ≥ VIH, f = fMax
–
60
–
60–60–
60
mA
ISB1
VCC = Max,
CE
≥ V
CC – 0.2V,
VIN ≤ 0.2V or VIN ≥ VCC – 0.2V,
f = 0
–8–
8–8
–8
mA
Output voltage
VOL
IOL = 8 mA, VCC = Min
–0.4–0.4–0.4–0.4
V
VOH
IOH = –4 mA, VCC = Min
2.4–2.4–2.4–2.4
–
V
Capacitance (f = 1MHz, Ta = 25° C, VCC = NOMINAL)
2
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CE, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com