Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9514 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 17Page - Microchip Technology LAN9514 Datasheet HTML 18Page - Microchip Technology LAN9514 Datasheet HTML 19Page - Microchip Technology LAN9514 Datasheet HTML 20Page - Microchip Technology LAN9514 Datasheet HTML 21Page - Microchip Technology LAN9514 Datasheet HTML 22Page - Microchip Technology LAN9514 Datasheet HTML 23Page - Microchip Technology LAN9514 Datasheet HTML 24Page - Microchip Technology LAN9514 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
 2009-2016 Microchip Technology Inc.
DS00002306A-page 21
LAN9514/LAN9514I
Note:
EEPROM byte addresses past 39h can be used to store data for any purpose.
Table 3-2 describes the Configuration Flags
3.1.1
HUB CONFIGURATION
EEPROM offsets 20h through 39h comprise the Hub Configuration parameters. Table 3-3 describes these parameters
and their default ROM values (Values assumed if no valid EEPROM present).
2Fh
Hub Controller Max Current (Bus) Register (HCMCB)
30h
Power-on Time Register (PWRT)
31h
Boost_Up Register (BOOSTUP)
32h
Boost_5 Register (BOOST5)
33h
Boost_4:2 Register (BOOST42)
34h
RESERVED
35h
Port Swap Register (PRTSP)
36h
Port Remap 12 Register (PRTR12)
37h
Port Remap 34 Register (PRTR34)
38h
Port Remap 5 Register (PRTR5)
39h
Status/Command Register (STCD)
TABLE 3-2:
CONFIGURATION FLAGS DESCRIPTION
Bit
Name
Description
7:3
RESERVED
00000b
2
Remote Wakeup Support
0 = The device does not support remote wakeup.
1 = The device supports remote wakeup.
1
RESERVED
0b
0
Power Method
0 = The device Controller is bus-powered.
1 = The device Controller is self-powered.
TABLE 3-3:
HUB CONFIGURATION
EEPROM
Offset
Description
Default
20h
Vendor ID LSB Register (VIDL)
Least Significant Byte of the Vendor ID. This is a 16-bit value that uniquely identifies
the Vendor of the user device (assigned by USB-Interface Forum).
24h
TABLE 3-1:
EEPROM FORMAT (CONTINUED)
EEPROM Address
EEPROM Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com