Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9514 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN9514
Description  USB 2.0 Hub and 10/100 Ethernet Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9514 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN9514 Datasheet HTML 36Page - Microchip Technology LAN9514 Datasheet HTML 37Page - Microchip Technology LAN9514 Datasheet HTML 38Page - Microchip Technology LAN9514 Datasheet HTML 39Page - Microchip Technology LAN9514 Datasheet HTML 40Page - Microchip Technology LAN9514 Datasheet HTML 41Page - Microchip Technology LAN9514 Datasheet HTML 42Page - Microchip Technology LAN9514 Datasheet HTML 43Page - Microchip Technology LAN9514 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
LAN9514/LAN9514I
DS00002306A-page 40
 2009-2016 Microchip Technology Inc.
Note:
All values measured with maximum simultaneous traffic on the Ethernet port and all USB ports.
Note:
Magnetic power consumption:
- 100BASE-TX: ~42 mA
- 10BASE-T: ~104 mA
Supply current (VDD33IO, VDD33A)
—
288
—
mA
Power Dissipation (Device Only)
—
951
—
mW
10BASE-T Full Duplex (USB High-Speed)
Supply current (VDD33IO, VDD33A)
—
243
—
mA
Power Dissipation (Device Only)
—
802
—
mW
10BASE-T Full Duplex (USB Full-Speed)
Supply current (VDD33IO, VDD33A)
—
180
—
mA
Power Dissipation (Device Only)
—
594
—
mW
TABLE 4-4:
OPERATIONAL CURRENT CONSUMPTION & POWER DISSIPATION (VDD33IO =
VDD33A = 3.3V)
Parameter
Min
Typical
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com