Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS29F040
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS29F040 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
®
43
43
43
43
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$65<)373
$65<)373
$65<)373
$65<)373
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3URJUDPPLQJ#DOJRULWKP#IRU#FKLS
Start
VA* = 0000h
Is VA = VA_Start?
Increment VA
NO
YES
Program byte with customer data
ADDR =VA
Increment VA
Is VA = VA_End**?
NO
Increment VA
YES
Program byte with 00h
ADDR = VA
Program byte with 00h
ADDR =VA
NO
Increment VA
Is VA = 7FFFFh?
YES
Verify data
ADDR = VA
Verify OK?
NO
FAIL
YES
Is VA = VA_End?
IncrementVA
NO
YES
PASS
Reset VA = 0000
* VA = Current Address
VA_Start = Starting Address of Customer Code
** VA_End = Ending Address of Customer Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com