Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS29F040
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS29F040 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
®
7777
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$65<)373
$65<)373
$65<)373
$65<)373
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
6HFWRU#DUFKLWHFWXUH#DQG#DGGUHVV#WDEOH
5($'#FRGHV
L = Low (<VIL); H = High (>VIH); X = Don’t care.
&RPPDQG#IRUPDW
1
Bus operations defined in "Mode definitions," on page 3.
2
Reading from or programming to non-erasing sectors allowed in Erase Suspend mode.
3
Address bit A15 = X = Don’t care for all address commands except Program Address.
4
Address bit A16 = X = Don’t care for all address commands except Program Address and Sector Address.
5
Address bit A17 = X = Don’t care for all address commands except Program Address and Sector Address.
6
Address bit A18 = X = Don’t care for all address commands except Program Address and Sector Address.
Sector
Equal sector architecture
ID sector address
Addresses
Size (Kbytes)
A18
A17
A16
0
00000h–0FFFFh
64
0
0
0
1
10000h–1FFFFh
64
0
0
1
2
20000h–2FFFFh
64
0
1
0
3
30000h–3FFFFh
64
0
1
1
4
40000h–4FFFFh
64
1
0
0
5
50000h–5FFFFh
64
1
0
1
6
60000h–6FFFFh
64
1
1
0
7
70000h–7FFFFh
64
1
1
1
Mode
A18–A16
A9
A8–A7
A6
A5–A2
A1
A0
Code on DQ0–DQ7
MFG code (Alliance
Semiconductor)
XVID
XL
X
L
L
52h
Device code
X
VID
XL
X
L
H
A4h
Sector protection
Sector
address
VID
Sector
address
L
Sector
address
HL
01h protected
00h unprotected
Command
sequence
Required
bus cycles
1st bus write
cycle
2nd bus write
cycle
3rd bus write
cycle
4th bus read/write
cycle
5th bus write
cycle
6th bus write
cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Reset/read
1
XXXXh
F0h
Read
Address
Read
Data
Reset/read
4
5555h
AAh
2AAAh
55h
5555h
F0h
Read
Address
Read
Data
Autoselect ID
read
4
5555h
AAh
2AAAh
55h
5555h
90h
00h
MFR code
52h
01h
Device code
A4h
XXX02h
Sector
protection
01 = protected
00 = unprotected
Program
4
5555h
AAh
2AAAh
55h
5555h
A0h
Program
Address
Program
Data
Chip erase
6
5555h
AAh
2AAAh
55h
5555h
80h
5555h
AAh
2AAAh
55h
5555h
10h
Sector erase
6
5555h
AAh
2AAAh
55h
5555h
80h
5555h
AAh
2AAAh
55h
Sector
Address
30h
Sector erase
suspend
1
XXXXh
B0h
Sector erase
resume
1
XXXXh
30h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com