Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F200 Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS29F200
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200 Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS29F200 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
$65<)533
$65<)533
$65<)533
$65<)533
®
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
45
45
45
45
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
0D[LPXP#QHJDWLYH#RYHUVKRRW#ZDYHIRUP
0D[LPXP#SRVLWLYH#RYHUVKRRW#ZDYHIRUP
$&#SDUDPHWHUV=#UHDG#F\FOH
5HDG#ZDYHIRUP
JEDEC
Symbol
Std
Symbol
Parameter
-55
-70
-90
-120
Unit
MinMax
MinMax
MinMax
MinMax
tAVAV
tRC
Read cycle time
55
-
70
-
90
-
120
-
ns
tAVQV
tACC
Address to output delay
-
55
-
70
-
90
-
120
ns
tELQV
tCE
Chip enable to output
-
55
-
70
-
90
-
120
ns
tGLQV
tOE
Output enable to output
-
25
-
30
-
35
-
50
ns
tEHQZ
tDF
Chip enable to output High Z
-
15
-
20
-
20
-
30
ns
tGHQZ
tDF
Output enable to output High Z
-
15
-
20
-
20
-
30
ns
tAXQX
tOH
Output hold time from addresses,
first occurrence of CE or OE
0-
0-0
-
0-
ns
tELFL/ELFH CE to BYTE transition low/high
-5
-5-
5
-5
ns
tPHQV
tPWH
RESET high to output delay
-
1.5
-
1.5
-
1.5
-
1.5
µs
tBDEL
BYTE switching to valid data
-
55
-
70
-
90
-
120
ns
tFLQZ
BYTE low to DQ8–DQ15 tri-state
30
-
30
-
35
-
50
-
ns
20 ns
20 ns
20 ns
-2.0V
-0.5V
+0.8V
20 ns
20 ns
20 ns
VCC+2.0V
VCC+0.5V
+2.0V
Addresses stable
Addresses
tRC
tACC
tOE
tOEH
tCE
tOH
tDF
CE
OE
WE
Outputs
High Z
High Z
Output valid
tELFL/ELFH
tPWH
BYTE
RESET
tBDEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com