Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F200 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS29F200
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS29F200 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F200 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
Copyright ©1998 Alliance Semiconductor. All rights reserved.
®
$65<)533
$65<)533
$65<)533
$65<)533
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
4444
89#589.ð;245;.ð49#&026#)ODVK#((3520
89#589.ð;245;.ð49#&026#)ODVK#((3520
89#589.ð;245;.ð49#&026#)ODVK#((3520
89#589.ð;245;.ð49#&026#)ODVK#((3520
)HDWXUHV
• Organization: 256K×8 or 128K×16
• Sector architecture
- One 16K; two 8K; one 32K; and three 64K byte sectors
- Boot code sector architecture—T (top) or B (bottom)
- Erase any combination of sectors or full chip
• Single 5.0±0.5V power supply for read/write operations
• Sector protection
• High speed 55/70/90/120 ns address access time
• Automated on-chip programming algorithm
- Automatically programs/verifies data at specified ad-
dress
• Automated on-chip erase algorith
- Automatically preprograms/erases chip or specified sec-
tors
• 10,000 write/erase cycle endurance
• Hardware RESET pin
- Resets internal state machine to read mode
• Low power consumption
- 20 mA typical read current
- 30 mA typical program current
- 300 µA typical standby current
- 1 µA typical standby current (RESET = 0)
• JEDEC standard software, packages and pinouts
-48-pin TSOP
-44-pin SO
• Detection of program/erase cycle completion
-DQ7 DATA polling
- DQ6 toggle bit
- RY/BY output
• Erase suspend/resume
- Supports reading data from a sector not being erased
• Low VCC write lock-out below 2.8V
/RJLF#EORFN#GLDJUDP
X decoder
VCC
VSS
Cell matrix
Y decoder
Y gating
Data latch
Chip enable
Input/output
buffers
Sector protect
Command
register
Program/erase
control
VCC detector
Erase voltage
generator
Program voltage
generator
Timer
A0–A16
CE
OE
STB
STB
Output enable
Logic
RY/BY
WE
BYTE
RESET
DQ0–DQ15
switches
A-1
3LQ#DUUDQJHPHQW
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A14
A15
A16
BYTE
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
44-pin SO
21
22
DQ3
DQ11
A10
A11
A12
A13
2
RY/BY
3
NC
4
A7
1
NC
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
WE
A8
A9
RESET
48-pin TSOP
AS29F200
6HOHFWLRQ#JXLGH
29F200-55
29F200-70
29F200-90
29F200-120 Unit
Maximum access time
tAA
55
70
90
120
ns
Maximum chip enable access time
tCE
55
70
90
120
ns
Maximum output enable access time
tOE
25
30
35
50
ns


Similar Part No. - AS29F200

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Micross Components
AS29F010 MICROSS-AS29F010 Datasheet
871Kb / 26P
Flexible sector architecture
logo
Alliance Semiconductor ...
AS29F010-120LC ALSC-AS29F010-120LC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120PC ALSC-AS29F010-120PC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
More results

Similar Description - AS29F200

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
128K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
128K X 8 CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
5V 128K X 8 CMOS SRAM
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
5V 128K X 8 CMOS SRAM
logo
Force Technologies Ltd
FT28C010-XXXXX-X FORCE-FT28C010-XXXXX-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com