Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F010 Datasheet (PDF) - Micross Components

AS29F010 Datasheet PDF - Micross Components
Part # AS29F010
Download  AS29F010 Download
File Size   871.47 Kbytes
Page   26 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Flexible sector architecture

AS29F010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS29F010 Datasheet PDF - Micross Components

Part # AS29F010
Download  AS29F010 Click to download

File Size   871.47 Kbytes
Page   26 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Flexible sector architecture

AS29F010 Datasheet (HTML) - Micross Components


AS29F010 Product details

GENERAL DESCRIPTION
The AS29F010 is a 1Mbit, 5.0 Volt-only FLASH memory organized as 131,072 bytes. The AS29F010 is offered in a 32-pin CDIP package. The byte-wide data appears on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not required for program or erase operations. The device can also be programmed or erased in standard EPROM programmers.

FEATURES
• Single 5.0V ±10% power supply operation
• Low power consumption:
    √ 12 mA typical active read current
    √ 30 mA typical program/erase current
    √ <1 µA typical standby current
• Flexible sector architecture
    √ Eight 16Kbyte sectors
    √ Any combination of sectors can be erased
    √ Full chip erase
• Sector protection
    √ Hardware-based feature that disables/reenables program and erase operations in any combination of sectors
    √ Sector protection/unprotection can be implemented using standard PROM programming equipment
• Embedded Algorithms
    √ Embedded Erase algorithm automatically pre-programs and erases the chip or any combination of designated sectors
    √ Embedded Program algorithm automatically programs and verifies data at specified address
• Erase Suspend/Resume
    √ Supports reading data from a sector not being erased
• Minimum 1,000,000 Program/Erase Cycles per sector guaranteed
• Compatible with JEDEC standards
    √ Pinout and software compatible with single-powersupply FLASH
    √ Superior inadvertent write protection
• Data Polling and Toggle Bits
    √ Provides a software method of detecting program or erase cycle completion




Similar Part No. - AS29F010

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010-120LC ALSC-AS29F010-120LC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120PC ALSC-AS29F010-120PC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120TC ALSC-AS29F010-120TC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
More results


Similar Description - AS29F010

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
The ispXPGA architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
logo
ATMEL Corporation
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
Industry-standard Architecture
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
Advanced RISC Architecture
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
Sector Erase Architecture
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
Sector protection
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
Low Power Architecture
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com