Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040 Datasheet (PDF) - Micross Components

AS29F040 Datasheet PDF - Micross Components
Part # AS29F040
Download  AS29F040 Download
File Size   598.47 Kbytes
Page   27 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Sector protection

AS29F040 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS29F040 Datasheet PDF - Micross Components

Part # AS29F040
Download  AS29F040 Click to download

File Size   598.47 Kbytes
Page   27 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Sector protection

AS29F040 Datasheet (HTML) - Micross Components


AS29F040 Product details

GENERAL DESCRIPTION
The AS29F040 is a 4Mbit, 5.0 Volt-only FLASH memory organized as 524,288 Kbytes of 8 bits each. The 512 Kbytes of data are divided into eight sectors of 64 Kbytes each for flexible erase capability. The 8 bits of data appear on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not required for write or erase operations. The device can also be programmed in standard EPROM programmers.

FEATURES
• Single 5.0V ±10% power supply operation
• Fastest access times: 55, 60, 70, 90, 120, & 150ns
• Low power consumption:
    √ 20 mA typical active read current
    √ 30 mA typical program/erase current
    √ 1 μA typical standby current (standard access time to active mode)
• Flexible sector architecture
    √ Eight uniform 64 Kbyte each
    √ Any combination of sectors can be erased
    √ Supports full chip erase
• Sector protection
• Embedded Algorithms Erase & Program Algorithms
• Erase Suspend/Resume
• Minimum 1,000,000 Program/Erase Cycles per sector guaranteed
• Compatible with JEDEC standards
    √ Pinout and software compatible with single-powersupply FLASH
• Data Polling and Toggle Bits
• 20-year data retention at 125°C




Similar Part No. - AS29F040

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS29F040 AUSTIN-AS29F040 Datasheet
1Mb / 27P
512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F040-120LC ALSC-AS29F040-120LC Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120LI ALSC-AS29F040-120LI Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120TC ALSC-AS29F040-120TC Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
More results


Similar Description - AS29F040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF081A ATMEL-AT26DF081A_14 Datasheet
850Kb / 40P
Individual Sector Protection with Global Protect/Unprotect Feature
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
Sector Erase Architecture
logo
AMIC Technology
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
Boot Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
Uniform Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
Boot Sector Flash Memory
A290011A AMICC-A290011A Datasheet
388Kb / 33P
Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
Boot Sector Flash Memory
logo
Micross Components
AS29F010 MICROSS-AS29F010 Datasheet
871Kb / 26P
Flexible sector architecture
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com