Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29040C Datasheet (PDF) - AMIC Technology

A29040C Datasheet PDF - AMIC Technology
Part # A29040C
Download  A29040C Download
File Size   391.81 Kbytes
Page   29 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description Uniform Sector Flash Memory

A29040C Datasheet (PDF)

Go To PDF Page Download Datasheet
A29040C Datasheet PDF - AMIC Technology

Part # A29040C
Download  A29040C Click to download

File Size   391.81 Kbytes
Page   29 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description Uniform Sector Flash Memory

A29040C Datasheet (HTML) - AMIC Technology


A29040C Product details

General Description
The A29040C is a 5.0 volt-only Flash memory organized as 524,288 bytes of 8 bits each. The 512 Kbytes of data are further divided into eight sectors of 64 Kbytes each for flexible sector erase capability. The 8 bits of data appear on I/O0 - I/O7 while the addresses are input on A0 to A18. The A29040C is offered in 32-pin PLCC, TSOP, and PDIP packages.

Features
■ 5.0V ± 10% for read and write operations
■ Access time:
    - 55ns (max.)
■ Current:
    - 20mA typical active read current
    - 30mA typical program/erase current
    - 6μA typical CMOS standby
■ Flexible sector architecture
    - 8 uniform sectors of 64 Kbyte each
    - Any combination of sectors can be erased
    - Supports full chip erase
    - Sector protection:
       A hardware method of protecting sectors to prevent any inadvertent program or erase operations within that sector
■ Extended operating temperature range: -40°C~+85°C for –U series
■ Embedded Erase Algorithms
    - Embedded Erase algorithm will automatically erase the entire chip or any combination of designated sectors and verify the erased sectors
    - Embedded Program algorithm automatically writes and verifies bytes at specified addresses
■ Minimum 100,000 program/erase cycles per sector
■ 20-year data retention at 125ºC
    - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
    - Pinout and software compatible with single-powersupply Flash memory standard
    - Superior inadvertent write protection
■ Data Polling and toggle bits
    - Provides a software method of detecting completion of program or erase operations
■ Erase Suspend/Erase Resume
    - Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
■ Package options
    - 32-pin P-DIP, PLCC, or TSOP (Forward type)
    - All Pb-free (Lead-free) products are RoHS compliant




Similar Part No. - A29040C

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040 AMICC-A29040 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-120 AMICC-A29040-120 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-150 AMICC-A29040-150 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-55 AMICC-A29040-55 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040-70 AMICC-A29040-70 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Similar Description - A29040C

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
512 Kbit Uniform Sector, Serial Flash Memory
EN25P10 EON-EN25P10 Datasheet
385Kb / 31P
1 Mbit Uniform Sector, Serial Flash Memory
EN25P16 EON-EN25P16 Datasheet
445Kb / 32P
16 Mbit Uniform Sector, Serial Flash Memory
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
2 Mbit Uniform Sector, Serial Flash Memory
EN25P32 EON-EN25P32 Datasheet
452Kb / 34P
32 Mbit Uniform Sector, Serial Flash Memory
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
4 Mbit Uniform Sector, Serial Flash Memory
EN25P80 EON-EN25P80 Datasheet
386Kb / 30P
8 Mbit Uniform Sector, Serial Flash Memory
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
16 Megabit Uniform Sector, Serial Flash Memory
logo
AMIC Technology
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
Uniform Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
Uniform Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com