Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F010 Datasheet(PDF) 1 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 1 Page - Micross Components

  AS29F010 Datasheet HTML 1Page - Micross Components AS29F010 Datasheet HTML 2Page - Micross Components AS29F010 Datasheet HTML 3Page - Micross Components AS29F010 Datasheet HTML 4Page - Micross Components AS29F010 Datasheet HTML 5Page - Micross Components AS29F010 Datasheet HTML 6Page - Micross Components AS29F010 Datasheet HTML 7Page - Micross Components AS29F010 Datasheet HTML 8Page - Micross Components AS29F010 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
1
AS29F010
Rev. 2.6 11/10
128K x 8 FLASH
UNIFORM SECTOR 5.0V FLASH MEMO-
AVAILABLE AS MILITARY
SPECIFICATIONS
• MIL-STD-883
• SMD 5962-96690
FEATURES
• Single 5.0V ±10% power supply operation
• Low power consumption:
12 mA typical active read current
30 mA typical program/erase current
<1 μA typical standby current
• Flexible sector architecture
Eight 16Kbyte sectors
Any combination of sectors can be erased
Full chip erase
• Sector protection
Hardware-based feature that disables/reenables program
and erase operations in any combination of sectors
Sector protection/unprotection can be implemented
using standard PROM programming equipment
• Embedded Algorithms
Embedded Erase algorithm automatically pre-programs
and erases the chip or any combination of designated
sectors
Embedded Program algorithm automatically programs
and verifies data at specified address
• Erase Suspend/Resume
Supports reading data from a sector not being erased
• Minimum 1,000,000 Program/Erase Cycles per sector
guaranteed
• Compatible with JEDEC standards
Pinout and software compatible with single-power-
supply FLASH
Superior inadvertent write protection
• Data\ Polling and Toggle Bits
Provides a software method of detecting program or
erase cycle completion
OPTIONS
MARKING
• Timing
50ns
-50
60ns
-60
70ns
-70
90ns
-90
120ns
-120
150ns
-150
• Package
Ceramic DIP (600 mil)
CW
Flatpack
F
Lead Formed Flatpack
DCG
Small Outline J-Lead
SOJ
• Temperature
Industrial Temperature (-40°C to +85°C) IT
Military Temperature (-55°C to +125°C) XT
883C Processing (-55°C to +125°C)
883C
QML Processing (-55°C to +125°C)
Q
For more products and information
please visit our web site at
www.micross.com
PIN ASSIGNMENT
(Top View)
32-PIN Ceramic DIP (CW)
32-pin Flatpack (F)
32-pin Lead Formed Flatpack (DCG)
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
V
SS
V
CC
WE\
NC
A14
A13
A8
A9
A11
OE\
A10
CE\
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17


Similar Part No. - AS29F010

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010-120LC ALSC-AS29F010-120LC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120PC ALSC-AS29F010-120PC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
AS29F010-120TC ALSC-AS29F010-120TC Datasheet
175Kb / 10P
5V 128K x 8 CMOS FLASH EEPROM
More results

Similar Description - AS29F010

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
XPGA LATTICE-XPGA Datasheet
941Kb / 89P
The ispXPGA architecture
logo
List of Unclassifed Man...
FAS209 ETC1-FAS209 Datasheet
37Kb / 8P
Fast Architecture SCSI
logo
ATMEL Corporation
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
Industry-standard Architecture
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
ATTINY15L ATMEL-ATTINY15L_14 Datasheet
1Mb / 85P
Advanced RISC Architecture
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
Sector Erase Architecture
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
Sector protection
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
Low Power Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com