Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F010 Datasheet(PDF) 19 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 19 Page - Micross Components

Back Button AS29F010 Datasheet HTML 15Page - Micross Components AS29F010 Datasheet HTML 16Page - Micross Components AS29F010 Datasheet HTML 17Page - Micross Components AS29F010 Datasheet HTML 18Page - Micross Components AS29F010 Datasheet HTML 19Page - Micross Components AS29F010 Datasheet HTML 20Page - Micross Components AS29F010 Datasheet HTML 21Page - Micross Components AS29F010 Datasheet HTML 22Page - Micross Components AS29F010 Datasheet HTML 23Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
19
AS29F010
Rev. 2.6 11/10
ERASE AND PROGRAMMING PERFORMANCE
TYP
1
MAX
2
UNIT
Chip/Sector Erase Time
1.0
15
sec
Excludes 00h programming prior to erasure
4
Byte Programming Time
7
300
μs
Chip Programming Time
3
0.9
6.25
sec
PARAMETER
LIMITS
COMMENTS
Excludes system-level overhead
5
NOTES:
1. Typical program and erase times assume the following conditions: 25°C, 5.0V V
CC, 1 million cycles. Additionally, programming typicals
assume checkerboard pattern.
2. Under worst case conditions of 90°C, V
CC = 4.5V, 100,000 cycles.
3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster
than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then does the device set DQ5 = 1.
See the section on DQ5 for further information.
4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 4 for further
information on command definitions.
6. The device has a minimum guaranteed erase cycle endurance of 1 million cycles.
LATCHUP CHARACTERISTIC
PARAMETER
MIN
MAX
Input voltage with respect to VSS on I/O pins
-1.0V
VCC + 1.0V
VCC Current
-100mA
+100mA
NOTES: Includes all pins except V
CC. Test conditions: VCC = 5.0V, one pin at a time.
PIN CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNIT
Input Capacitance
VIN = 0
CIN
15
pF
Output Capacitance
VOUT = 0
COUT
15
pF
Control Pin Capacitance
VPP = 0
CIN2
15
pF
NOTES:
1. Sampled, not 100% tested.
2. Test conditions T
A = 25°C, f = 1.0 MHz
DATA RETENTION
PARAMETER
CONDITIONS
MIN
UNIT
150°C
10
Years
125°C
20
Years
Minimum Pattern Data Retention Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com