Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F010-150PC Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS29F010-150PC
Description  5V 128K x 8 CMOS FLASH EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F010-150PC Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS29F010-150PC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
$65<)343
$65<)343
$65<)343
$65<)343
####
','#4407333:0$1#72:233
','#4407333:0$1#72:233
','#4407333:0$1#72:233
','#4407333:0$1#72:233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
8888
0D[LPXP#QHJDWLYH#RYHUVKRRW#ZDYHIRUP
0D[LPXP#SRVLWLYH#RYHUVKRRW#ZDYHIRUP
'&#HOHFWULFDO#FKDUDFWHULVWLFV
+9&&# #813“3189/#966# #39/#7D# #3ƒ&#WR#.:3ƒ&,
1RWHV
1
Not more than one output tested simultaneously. Duration of the short circuit must not be >1 second. OUT = 0.5V was selected to avoid test problems
caused by tester ground degradation. (This parameter is sampled and not 100% tested, but guaranteed by characterization.)
2The ICC current listed includes both the DC operating current and the frequency dependent component (@ 6 MHz). The frequency componenttypically
is less than 2 mA/MHz with OE at VIH.
3ICC active while program or erase operations are in progress.
Parameter
Symbol
Test conditions
Min
Max
Unit
Input load current
ILI
VIN = VSS to VCC, VSS = VMAX
-±1
µA
Output leakage current
ILO
VOUT = VSS to VCC, VSS = VMAX
-±1
µA
Output short circuit current
IOS
VOUT = 0.5V
-
100
mA
Active current, read @ 6MHz
ICC
CE = VIL, OE = VIH
-30
mA
Active current, program/erase
ICCPRG
CE = VIL, OE = VIH
-50
mA
Standby current
ISB1 (TTL)
CE = VIH
-1.5
mA
ISB2 (CMOS) CE = VCC
-1.0
mA
ICCPD
RP = 0V
-
2
µA
Input: low level
VIL
0.5
0.8
V
Input: high level
VIH
2.0
VSS + 0.3
V
Output low voltage
VOL
IOL = 12mA
-
0.45
V
Output high level
VOH1
IOH = -2.5 mA
2.4
-
V
VOH2
IOH = -100 µA
VCC - 0.4
-
V
Low VCC lock out voltage
VLKO
3.2
4.2
V
Input HV select voltage
VID
11.5
12.5
V
-2.0V
-0.5V
+0.8V
VCC+2.0V
VCC+0.5V
+2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com