Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F010-150PC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS29F010-150PC
Description  5V 128K x 8 CMOS FLASH EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F010-150PC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS29F010-150PC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F010-150PC Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
$65<)343
$65<)343
$65<)343
$65<)343
®
;;;;
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#4407333:0$1#72:233
','#4407333:0$1#72:233
','#4407333:0$1#72:233
','#4407333:0$1#72:233
$&#WHVW#FRQGLWLRQV
/DWFKXS#WROHUDQFH#
Includes all pins except VCC. Test conditions: VCC = 5.0V, one pin at a time.
7623#SLQ#FDSDFLWDQFH
+¦# #4#0+]/#7D# #58ƒ&,
3/&&#DQG#3',3#SLQ#FDSDFLWDQFH
+¦# #4#0+]/#7D# #58ƒ&,
(UDVH#DQG#SURJUDPPLQJ#SHUIRUPDQFH
+¦# #4#0+]/#7D# #URRP#WHPSHUDWXUH/#9&&# #89“43(,
Parameter
Min
Max
Unit
Input voltage with respect to VSS on pin A9
-1.0
+13.5
V
Input voltage with respect to VSS on all DQ pins
-1.0
VCC+1.0
V
Current
-100
+100
mA
Symbol
Parameter
Test setup
Typical
Max
Unit
CIN
Input capacitance
VIN = 0
6
7.5
pF
COUT
Output capacitance
VOUT = 0
8.5
12
pF
CIN2
Control pin capacitance
VIN = 0
7.5
9
µF
Symbol
Parameter
Test setup
Typical
Max
Unit
CIN
Input capacitance
VIN = 0
46pF
COUT
Output capacitance
VOUT = 0
8
12
pF
CIN2
Control pin capacitance
VIN = 0
8
12
µF
Parameter
Limits
Unit
Min
Typical
Max
Sector erase and Verify-1 time (excludes 00h programming prior to erase)
-
6.0
8.2
sec
Sector programming time
-
-
8.2
sec
Chip programming time
-
48
80
sec
Erase program cycles
-
10,000
-
cycles
Byte program time
-
200
250
µs
Byte verify-0 time
-
200
250
µs
6.2K
Ω
100 pF*
2.7K
Ω
Device under test
GND
+5V
*including scope
and jig capacitance
GND
GND
1N3064
or equivalent
1N3064
or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com