Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF802F Datasheet(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SF802F
Description  SUPER FAST RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SF802F Datasheet(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD

  SF802F Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SF802F Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SF802F Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
VOLTAGE
CURRENT
· Low forward voltage drop
· Low leakage
· High current capability
· Super fast switching speed
· High forward surge capability
· High reliability.
· Case: TO-220AC, ITO-220AC
· Epoxy: UL 94V-O rate flame retardant
· Lead: lead solderable per MIL-STD-202,
method 208 guaranteed
· Polarity: Color band denotes cathode end
· Mounting position: Any
· Weight: 0.0518ounce, 1.47gram
· Ratings at 25℃ ambient temperature unless otherwise specified.
· Single phase, half wave, 60HZ, resistive or inductive load.
· For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristcs(Ratings at 25℃ ambient temperature unless otherwise specified )
Unit
A
A2S
ns
Junction Capacitance (Note2)
pF
Operating junction
Storage temperature range
Electronical Characteristics(Ratings at 25℃ ambient temperature unless otherwise specified )
Unit
Maximum instantaneous forward voltage at 10.0 A per leg (Note 3)
V
Thermal Characteristcs (Ratings at 25℃ ambient temperature unless otherwise specified )
Unit
℃/W
Notes: 1 Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
2.Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
#####
Http://www.nhel.com.cn
Data: 2014/10/20
Rev.: A/1
Page:
1
of
ITO-220AC
2.5
4.5
TO-220AC
SF80X
ITO-220AC
SF80XF
V
A
℃
uA
IF(AV)
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=100℃
8
Maximum Reverse Current at TA=25℃
at Rated DC Blocking Voltage TA=125℃ (Note 4)
10
500
Parameter
Symbol
Typical thermal resistance(Note 5)
RθJC
IRRM
TO-220AC
Parameter
Symbol
SF802F
SF804F
SF806F
VF
1.0
1.3
1.7
CJ
50
TJ
-55 to +150
TSTG
-55 to +150
Rating for fusing (t<8.3ms)
I²t
64.84
Maximum Reverse Recovery Time (Note 1)
TRR
35
Maximum DC blocking voltage
VDC
200
400
600
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode(JEDEC method at rated TL)
IFSM
125
400
600
Maximum RMS voltage
VRMS
140
280
420
MECHANICAL DATA
TYPICAL APPLICATIONS

Parameter
Symbol
SF802/F
Maximum repetitive peak reverse voltage
VRRM
200
SF804/F
SF806/F
SF802/F THRU SF806/F
SUPER FAST RECTIFIERS
200~600 Volts
10 Ampers
Marking
FEATURES
xxxx
xxxx
SF80XF
SF80X
xxxx
xxxx


Similar Part No. - SF802F

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF802F PACELEADER-SF802F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF802F YEASHIN-SF802F Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
More results

Similar Description - SF802F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com