Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF802F Datasheet(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

Part # SF802F
Description  SUPER FAST RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
Direct Link  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SF802F Datasheet(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  SF802F Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SF802F Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SF802F Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Niu Hang
Specification
Electronic Co. Ltd
For Approval
Http://www.nhel.com.cn
Data: 2014/10/20
Rev.: A/1
Page:
2
of
3
Fig.4- TYPICAL JUNCTION CAPACITANCE
RATINGANDCHARACTERISTICCURVES
REVERSE VOLTAGE,(V)
NUMBER OF CYCLES AT 60HZ
PERCENT OF RATED PEAK REVERSE VOLTAGE%
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.5-PEAK FORWARD SURGE CURRENT
SF802/F THRU SF806/F
SUPER FAST RECTIFIERS
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- TYPICAL INSTANTANEOUS FORWARD
Tc, Case Temp (℃)
FORWORD VOLTAGE,(V)
0
2
4
6
8
10
0
50
100
150
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
SF802/F
SF806/F
SF804/F
0.1
1
10
100
1000
0
40
80
120
25℃
125℃
0
20
40
60
80
100
1
10
0
50
100
150
1
10
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com