Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1421E34CPAL-R Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MD1421E34CPAL-R
Description  1cell Li-ion/Li-polymer battery protection IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MD1421E34CPAL-R Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MD1421E34CPAL-R Datasheet HTML 1Page - Mitsumi Electronics, Corp. MD1421E34CPAL-R Datasheet HTML 2Page - Mitsumi Electronics, Corp. MD1421E34CPAL-R Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
1cell Li-ion/Li-polymer battery protection IC MD1421ExxCPAL Series
1cell Li-ion/Li-polymer battery protection IC
MD1421ExxCPAL Series
Outline
MD1421ExxCPAL series are protection IC with integrated MOSFET for protection of the rechargeable lithium-
ion or lithiumpolymer battery. The overcharge, overdischarge and discharging and charging overcurrent
protection of the rechargeable one-cell lithium-ion or lithium-polymer battery can be detected.
Features
(Unless otherwise specified, Topr=+25°C)
(1) Range and accuracy of detection/release voltage
Overcharge detection voltage
4.10V to 4.45V, 5mV steps
Accuracy±20mV
Accuracy±25mV (Topr=−5°C to +60°C)
Overcharge release voltage
3.90V to 4.30V (Note1)
Accuracy±50mV
Overdischarge detection voltage
2.00V to 3.00V (Note2)
Accuracy±100mV
Overdischarge release voltage
2.00V to 3.20V (Note2)
Accuracy±100mV
Discharge overcurrent detection voltage
40mV to 180mV, 5mV steps
Accuracy±5mV
Charging overcurrent detect voltage
−180mV to −50mV, 5mV step
Accuracy±15mV
Short detection voltage
Selection from 0.56, 0.90V
Accuracy±100mV
Over voltage charger detection voltage
VDD−8.0V fixed
Accuracy±2.0V
Over voltage charger release voltage
VDD−7.3V fixed
Accuracy±1.5V
(2) Range of detection delay time
Overcharge detection delay time
Selection from 1.0s, 4.5s, 6.25s
Overdischarge detection delay time
Selection from 100ms, 256ms
Discharging overcurrent detection delay time
Selection from 8ms, 12ms, 16ms, 20ms, 34ms
Charging overcurrent detection delay time
Selection from 8.5ms, 25ms, 32.5ms
Short detection delay time
Selection from 0.50ms, 0.75ms, 1.00ms
(3) 0V battery charge function
Selection from ”Permission” or ”Prohibition”
(4) The overcharge detection delay timer reset time function
(function for the pulse charge) is provided.
fixed
(5) Low current consumption
Normal mode
Typ. 3.0µA, Max. 5.2µA
Stand-by mode
Max. 0.1µA
(For ”Charger connection release” the overdischarge release condition.)
Max. 0.5µA
(For ”Voltage release” the overdischarge release condition.)
(6) MOS-FET
Source to Source on state resistance
Typ. 38.0m
(@VCC=3.7V)
(7) Absolute maximum ratings
VCC pin
−0.3V to +12V
V− pin
VCC−24V to VCC+0.3V
Drain-source voltage
Max. 24V
Drain current
Max. 6V
Total Power Dissipation
Max. 1.0W
Storage temperature
−40°C to +125°C
Operation temperature
−40°C to + 85°C
Note1 : Hysteresis voltage between Overcharge detection and release voltage is selectable from 0.10V/0.15V/0.20V/0.25V.
Note2 : Please inquire to us about details of the setting of Overdischarge detection and release voltage.


Similar Part No. - MD1421E34CPAL-R

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MD1421N SHINDENGEN-MD1421N Datasheet
285Kb / 4P
Synchronous Rectification DC to DC Converter Power IC
MD1421N SHINDENGEN-MD1421N_17 Datasheet
240Kb / 4P
DC-DC Converter Power IC
More results

Similar Description - MD1421E34CPAL-R

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
ME01 MITSUMI-ME01 Datasheet
54Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3722 MITSUMI-MM3722 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3724 MITSUMI-MM3724 Datasheet
48Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
HM5416 HMSEMI-HM5416 Datasheet
2Mb / 26P
1 Li-ion/Li-polymer battery protection IC
HM5413 HMSEMI-HM5413 Datasheet
2Mb / 22P
1 Li-ion/Li-polymer battery protection IC
HM5411 HMSEMI-HM5411 Datasheet
1Mb / 14P
1 Li-ion/Li-polymer battery protection IC
HM5410 HMSEMI-HM5410 Datasheet
1Mb / 12P
1 Li-ion/Li-polymer battery protection IC
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com