Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1421E34CPAL-R Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MD1421E34CPAL-R
Description  1cell Li-ion/Li-polymer battery protection IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MD1421E34CPAL-R Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MD1421E34CPAL-R Datasheet HTML 1Page - Mitsumi Electronics, Corp. MD1421E34CPAL-R Datasheet HTML 2Page - Mitsumi Electronics, Corp. MD1421E34CPAL-R Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
1cell Li-ion/Li-polymer battery protection IC MD1421ExxCPAL Series
Pin Assignment
Top view
Pin No.
Function
PLP-4-1228
S2
4
3
1
2
IDT
D
S1
VCC
1
S1 is a source pin of Discharge MOS-FET and a negative
power supply, which is connected to the negative terminal of
the battery.
2
VCC is a positive power supply pin, which is connected to
the positive terminal of the battery through Rvcc (330 to 470
ohm).
3
V- is an input pin that detects overcurrent.
This pin is connected to the source terminal of Charge MOS-
FET through Ridt (2.7k ohm).
4
S2 is a source pin of Charge MOS-FET, which is connected to a
negative power supply terminal of chargers.
D
D is a common pin of two drains of Charge MOS-FET and
Discharge MOS-FET. D must be open electrically.
Please inquire to us, if you request a rank other than the above.
Note3
0V battery charge function
: Permission
: Prohibition
Note4
Optional functions
: Provided
: Not provided
Product name
Package
Optional
function
Detection / Release voltage
Detection delay time
Optional
function
(Note3) (Note4)
V1
V2
V4
V3
V5
V9
V6
Tsp3
Tsp1
Tsp2
Tsp5
Tsp4 Idischg Icharge
VVVVVVV
s
ms
ms
ms
µs
A
A
MD1421E28CPAL-R
PLP-4-1228
4.375
4.175
3.000
3.000
0.040
-0.050
0.900
1.0
100.0
12.0
8.5
500
1.05
1.30
MD1421E34CPAL-R
PLP-4-1228
4.375
4.175
3.000
3.200
0.040
-0.050
0.900
1.0
100.0
12.0
8.5
500
1.05
1.30
MD1421E35CPAL-R
PLP-4-1228
(0.65V)
4.425
4.225
2.700
2.700
0.070
-0.070
0.560
1.0
100.0
20.0
8.5
750
1.80
1.80
MD1421E36CPAL-R
PLP-4-1228
4.425
4.225
2.800
2.800
0.085
-0.095
0.900
1.0
100.0
20.0
8.5
750
2.20
2.45
MD1421E39CPAL-R
PLP-4-1228
(0.90V)
4.280
-
2.700
2.700
0.080
-0.080
0.900
1.0
100.0
20.0
8.5
750
2.05
2.05
Selection Guide
(5000pcs/Reel)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com