Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040-150TC Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS29F040-150TC
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-150TC Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS29F040-150TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
®
45
45
45
45
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$65<)373
$65<)373
$65<)373
$65<)373
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
$&#SDUDPHWHUV=#UHDG#F\FOH
.H\#WR#VZLWFKLQJ#ZDYHIRUPV
5HDG#ZDYHIRUP
JEDEC
Symbol
Std
Symbol
Parameter
-55
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tAVAV
tRC
Read cycle time
55
-
70
-
90
-
120
-
150
-
ns
tAVQV
tACC
Address to output delay
-
55
-
70
-
90
-
120
-
150
ns
tELQV
tCE
Chip enable to output
-
55
-
70
-
90
-
120
-
150
ns
tGLQV
tOE
Output enable to output
-
25
-
30
-
35
-
50
-
55
ns
tEHQZ
tDF
Chip enable to output High Z
-
15
-
20
-
20
-
30
-
35
ns
tGHQZ
tDF
Output enable to output High Z
-
15
-
20
-
20
-
30
-
35
ns
tAXQX
tOH
Output hold time from addresses,
CE or OE, whichever occurs first
0
-
0-
0-
0
-
0-
ns
Undefined / don’t care
Falling input
Rising input
Addresses stable
Addresses
tRC
tACC
tOE
tCE
tOH
tDF
CE
OE
WE
Outputs
High Z
High Z
Output valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com