Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS29F040-150TC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS29F040-150TC
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-150TC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS29F040-150TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F040-150TC Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
®
9999
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$65<)373
$65<)373
$65<)373
$65<)373
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
Sector erase
Sector erase requires six bus cycles: two unlock write cycles, a setup command, two additional unlock
write cycles, and finally the sector erase command. Identify the sector to be erased by addressing any
location in the sector. The address is latched on the falling edge of WE; the command, 30h, is latched
on the rising edge of WE. The sector erase operation begins after a 80 µs time-out.
To erase multiple sectors, write the sector erase command to each of the addresses of sectors to erase
after following the six bus cycle operation above. Timing between writes of additional sectors must be
<80 µs, or the AS29F040 ignores the command and erasure begins. During the erase time-out period
any falling edge of WE resets the time-out. Any command (other than sector erase or erase suspend)
during the time-out period resets the AS29F040 to read mode, and the device ignores the sector erase
command string. Erase such ignored sectors by restarting the sector erase command on the ignored
sectors.
The entire array need not be written with 0s prior to erasure. AS29F040 writes 0s to the entire sector
prior to electrical erase; writing of 0s affects only selected sectors, leaving non-selected sectors
unaffected. AS29F040 requires no CPU control or timing signals during sector erase operations.
Automatic sector erase begins after erase time-out from the last rising edge of WE from the sector erase
command stream and ends when the DATA polling (DQ7) is logical 1. DATA polling must be performed
on addresses that fall within the sectors being erased. AS29F040 returns to read mode after sector erase
unless DQ5 is set high by exceeding the time limit.
Erase suspend
Erase suspend allows interruption of sector erase operations to perform data reads from or writes to
a sector not being erased. Erase suspend applies only during sector erase operations, including the time-
out period. Writing an erase suspend command during sector erase time-out results in immediate
termination of the time-out period and suspension of erase operation.
AS29F040 ignores any commands during erase suspend other than read/reset, program, or erase
resume commands. Writing the Erase Resume command continues erase operations. Addresses are
DON’T CARE when writing Erase suspend or Erase resume commands.
AS29F040 takes 0.2–15 µs to suspend erase operations after receiving erase suspend command. To
determine completion of erase suspend, check DQ6 after selecting an address of a sector not being
erased. Check DQ2 in conjunction with DQ6 to determine if a sector is being erased. AS29F040
ignores redundant writes of erase suspend.
While in erase-suspend mode AS29F040 allows reading data (erase-suspend-read mode) from or
programming data (erase-suspend-program mode) to any sector not undergoing sector erase, treated as
standard read or standard programming mode. AS29F040 defaults to erase-suspend-read mode while
an erase operation has been suspended.
Write the resume command 30h to continue operation of sector erase. AS29F040 ignores redundant
writes of the resume command. AS29F040 permits multiple suspend/resume operations during sector
erase.
Sector protect
When attempting to write to a protected sector, DATA polling andToggle Bit 1 (DQ6) are activated for
about <1 µs. When attempting to erase a protected sector, DATA polling andToggle Bit 1 (DQ6) are
activated for about <5 µs. In both cases, the device returns to read mode without altering the specified
sectors.
Item
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com