Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF3013 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3013
Description  N-Ch and P-Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3013 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF3013 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rating
Symbol
Parameter
N-Ch
P-Ch
Units
VDS
Drain-Source Voltage
30
-
30
V
VGS
Gate-Source Voltage
±
20
±
20
V
ID
Continuous Drain Current,
VGS(NP)=10V,Ta=25℃
12*
-
11.5
A
Continuous Drain Current,
VGS(NP)=10V,Ta=70℃
7.5
-
9.6
A
48
-
48
A
20
20
mJ
9
-
9
A
PD
Total Power Dissipation
, Ta=25℃
5.25
5.25
W
TSTG
Storage Temperature Range
-55 to 1
75
-55 to 1
75
℃
TJ
Operating Junction Temperature Range
175
175
℃
60
60
℃
/W
6.25
6.25
℃
/W
BVDSS
RDSON
ID
30V
14mΩ
12A
-
30V
23mΩ
-
11.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
CCFL Back-light Inverter
Absolute Maximum Ratings
TO-252-4L Pin Configuration
Product Summery
The WSF3013 is the highest performance trench
N-ch and P-ch MOSFETs with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the synchronous buck
converter applications .
The WSF3013 meet the RoHS and Green
Product requirement 100% EAS guaranteed
with full function reliability approved.
WSF3013
N-Ch and P-Channel MOSFET
Page 1
www.winsok.tw
Dec.2014
S1
G1
S2
G2
D1
D2
G1
S1
D1
(1)
(2)
(3)
G2
S2
D2
(3)
(5)
(4)
Avalanche Current, Single pulse
,
L=0.5mH
Avalanche Energy, Single pulse
,
L=0.5mH
Pulse Drain Current Tested
, VGS(NP)=10V
IDP
a
IAS
c
EAS
c
RqJA
b
Thermal Resistance-Junction to Ambient
,Steady State
RqJC
Thermal Resistance-Junction to Case
,Steady State
Note *:Max. current is limited by bonding wire.
Note a:Pulse width limited by max. junction temperature.
Note b:RqJA steady state t=999s. RθJA is measured with the device mounted on 1in
2, FR-4 board with 2oz. Copper.
Note c:UIS tested and pulse width limited by maximum junction temperature 175
oC (initial temperature Tj=25oC).


Similar Part No. - WSF3013

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSF30100 WIINSOK-WSF30100 Datasheet
806Kb / 5P
N-Ch MOSFET
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
High Frequency Point-of-Load Synchronous Buck Converter
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSF30150 WIINSOK-WSF30150 Datasheet
1Mb / 5P
Battery protection, Load switch
WSF30160 WIINSOK-WSF30160 Datasheet
928Kb / 5P
N-Ch MOSFET
More results

Similar Description - WSF3013

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB6D0NP40QA KEC-KMB6D0NP40QA Datasheet
867Kb / 8P
N and P-Ch Trench MOSFET
KMB7D0NP30QA KEC-KMB7D0NP30QA_15 Datasheet
400Kb / 9P
N and P-Ch Trench MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSD3045DN WIINSOK-WSD3045DN Datasheet
839Kb / 11P
N-Ch and P-Channel MOSFET
WSF3012 WIINSOK-WSF3012 Datasheet
2Mb / 6P
N-Ch and P-Channel MOSFET
WSF4012 WIINSOK-WSF4012 Datasheet
1Mb / 7P
N-Ch and P-Channel MOSFET
WSP4606 WIINSOK-WSP4606 Datasheet
1Mb / 8P
N-Ch and P-Channel MOSFET
WSP4608 WIINSOK-WSP4608 Datasheet
697Kb / 6P
N-Ch and P-Channel MOSFET
WSP4616 WIINSOK-WSP4616 Datasheet
839Kb / 8P
N-Ch and P-Channel MOSFET
WSP4620 WIINSOK-WSP4620 Datasheet
1,019Kb / 8P
N-Ch and P-Channel MOSFET
WSP4626 WIINSOK-WSP4626 Datasheet
1Mb / 8P
N-Ch and P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com