Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSF3013 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF3013
Description  N-Ch and P-Channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF3013 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF3013 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 8Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF3013 Datasheet HTML 9Page - Shenzhen Guan Hua Wei Ye Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
VGS=10V , ID=8A
---
14
18.5
RDS(ON)d
Static Drain-Source On-Resistance
VGS=4.5V , ID=
5A
---
17
25
m
Ω
VGS(th)
Gate Threshold Voltage
1.
3
1.
8
2.
3
V
VGS=VDS , ID =250uA
VDS=
20V , VGS=0V , TJ=25℃
---
---
1
IDSS
Drain-Source Leakage Current
VDS=
20V , VGS=0V , TJ=85℃
---
---
30
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.7
3.4
Ω
Qge
Total Gate Charge
---
5.2
---
Qgse
Gate-Source Charge
---
1.0
---
Qgde
Gate-Drain Charge
---
2.8
---
nC
Td(on)e
Turn-On Delay Time
---
6
---
Tre
Rise Time
---
8.6
---
Td(off)e
Turn-Off Delay Time
---
16
---
Tfe
Fall Time
---
3.6
---
ns
Cisse
Input Capacitance
---
545
---
Cosse
Output Capacitance
---
95
---
Crsse
Reverse Transfer Capacitance
VDS=15V , VGS=0V , f=1MHz
---
55
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
---
---
12
A
VG=VD=0V , Force Current
VSDd
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1.2
V
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
Page 2
www.winsok.tw
Dec.2014
WSF3013
N-Ch and P-Channel MOSFET
Note d:Pulse test ; pulse width
£300ms, duty cycle£2%.
Note e:Guaranteed by design, not subject to production testing.
VDD=15V,RL=15R,
IDS=1A,VGEN=10V,
RG=6R.
VDS=15V, VGS=4.5V,
IDS=8A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com