Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I9942P Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # ASM2I9942P
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I9942P Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  ASM2I9942P Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
May 2005
ASM2I9942P
rev 0.3
Low Voltage 1:18 Clock Distribution Chip
4 of 10
Notice: The information in this document is subject to change without notice.
Table 7. AC Characteristics (T
A = 0°to 70°C, VCC = 3.3V ± 5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Frequency
250
MHz
tPLH
Propagation Delay
1.5
3.2
nS
tPHL
Propagation Delay
1.5
3.6
nS
tsk(o)
Output-to-output Skew within one bank
150
pS
tsk(pr)
Part–to–Part Skew
1
1.7
nS
tsk(pr)
Part–to–Part Skew
2
1.0
pS
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
Note: 1. Across temperature and voltage ranges, includes output skew.
2. For a specific temperature and voltage, includes output skew
.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com