Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I9942P Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # ASM2I9942P
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2I9942P Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  ASM2I9942P Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM2I9942P Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
May 2005
ASM2I9942P
rev 0.3
Low Voltage 1:18 Clock Distribution Chip
5 of 10
Notice: The information in this document is subject to change without notice.
Power Consumption of the ASM2I9942P and
Thermal Management
The ASM2I9942P AC specification is guaranteed for the
entire operating frequency range up to 250MHz. The
ASM2I9942P power consumption and the associated
long-term
reliability
may
decrease
the
maximum
frequency limit, depending on operating conditions such
as clock frequency, supply voltage, output loading,
ambient temperature, vertical convection and thermal
conductivity of package and board. This section
describes the impact of these parameters on the junction
temperature and gives a guideline to estimate the
ASM2I9942P die junction temperature and the associated
device reliability.
Table 8. Die junction temperature and MTBF
Junction temperature
(°C)
MTBF (Years)
100
20.4
110
9.1
120
4.2
130
2.0
Increased power consumption will increase the die
junction temperature and impact the device reliability
(MTBF). According to the system-defined tolerable
MTBF, the die junction temperature of the ASM2I9942P
needs to be controlled and the thermal impedance of the
board/package should be optimized.The power dissipated
in the ASM2I9942P is represented in equation 1.
Where ICCQ is the static current consumption of the
ASM2I9942P, CPD is the power dissipation capacitance
per output,
(Μ)ΣCL represents the external capacitive
output load, N is the number of active outputs (N is
always
12
in
case
of
the
ASM2I9942P).
The
ASM2I9942P supports driving transmission lines to
maintain high signal integrity and tight timing parameters.
Any transmission line will hide the lumped capacitive load
at the end of the board trace, therefore,
ΣCL is zero for
controlled transmission line systems and can be
eliminated from equation 1. Using parallel termination
output termination results in equation 2 for power
dissipation.
In equation 2, P stands for the number of outputs with a
parallel or thevenin termination, VOL, IOL, VOH and IOH are
a function of the output termination technique and DCQ is
the clock signal duty cycle. If transmission lines are used
ΣCL is zero in equation 2 and can be eliminated. In
general, the use of controlled transmission line
techniques eliminates the impact of the lumped capacitive
loads at the end lines and greatly reduces the power
dissipation of the device. Equation 3 describes the die
junction temperature TJ as a function of the power
consumption.
Where Rthja is the thermal impedance of the package
(junction to ambient) and TA is the ambient temperature.
According to Table 8, the junction temperature can be
used to estimate the long-term device reliability. Further,
combining equation 1 and equation 2 results in a
maximum operating frequency for the ASM2I9942P in a
series terminated transmission line system, equation 4.
()
()
[]
()
4
1
3
2
1
1
2
Equation
V
I
R
T
T
V
N
C
f
Equation
R
P
T
T
Equation
V
I
DC
V
V
I
DC
C
C
N
f
V
I
V
P
Equation
V
C
C
N
f
V
I
P
CC
CCQ
thja
A
JMAX
CC
PD
CLOCKMAX
thja
TOT
A
J
P
OL
OL
Q
OH
CC
OH
Q
M
L
PD
CLOCK
CC
CCQ
CC
TOT
CC
M
L
PD
CLOCK
CC
CCQ
TOT
⋅
−
−
⋅
⋅
⋅
=
⋅
+
=
⋅
⋅
−
+
−
⋅
+
+
⋅
⋅
⋅
+
⋅
=
⋅
+
⋅
⋅
⋅
+
=
∑
∑
∑



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com