Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARA-R5 Datasheet(PDF) 31 Page - u-blox AG

Part # SARA-R5
Description  LTE-M / NB-IoT modules with secure cloud
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R5 Datasheet(HTML) 31 Page - u-blox AG

Back Button SARA-R5 Datasheet HTML 27Page - u-blox AG SARA-R5 Datasheet HTML 28Page - u-blox AG SARA-R5 Datasheet HTML 29Page - u-blox AG SARA-R5 Datasheet HTML 30Page - u-blox AG SARA-R5 Datasheet HTML 31Page - u-blox AG SARA-R5 Datasheet HTML 32Page - u-blox AG SARA-R5 Datasheet HTML 33Page - u-blox AG SARA-R5 Datasheet HTML 34Page - u-blox AG SARA-R5 Datasheet HTML 35Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
SARA-R5 series - Data sheet
UBX-19016638 - R06
Electrical specifications
Page 31 of 43
C1-Public
4.2.10 DDC (I2C) pins
DDC (I2C) lines (SCL and SDA) are compliant to the I2C-bus standard mode specification. See the
I2C-bus specification [10] for detailed electrical characteristics.
Parameter
Min
Typical
Max
Unit
Remarks
Internal supply for DDC domain
1.8
V
Digital I/O Interfaces supply (V_INT)
Low-level input
-0.3
0.5
V
High-level input
1.3
2.1
V
Low-level output
0.0
V
Pull-up input current
-450
µ
A
Table 20: DDC (I2C) pin characteristics
4.2.11 USB pins
USB data lines (USB_D+ / USB_D–) are compliant with the USB 2.0 high-speed specification. See the
Universal Serial Bus specification revision 2.0 [9] for detailed electrical characteristics. The values in
Table 21 related to USB 2.0 high-speed physical layer specifications are for information only.
Parameter
Min.
Typical
Max.
Unit
Remarks
VUSB_DET pin, High-level input
4.40
5.00
5.25
V
High-speed squelch detection threshold
(input differential signal amplitude)
100
150
mV
High speed disconnect detection threshold
(input differential signal amplitude)
525
625
mV
High-speed data signaling input
common mode voltage range
–50
500
mV
High-speed idle output level
–10
10
mV
High-speed data signaling output high level 360
440
mV
High-speed data signaling output low level –10
10
mV
Chirp J level (output differential voltage)
700
1100
mV
Chirp K level (output differential voltage)
–900
–500
mV
Table 21: USB pins characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com